Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1A038RCKL Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1A038RCKL
Description  OPIC Photointerrupter with Encoder Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A038RCKL Datasheet(HTML) 1 Page - Sharp Corporation

  GP1A038RCKL Datasheet HTML 1Page - Sharp Corporation GP1A038RCKL Datasheet HTML 2Page - Sharp Corporation GP1A038RCKL Datasheet HTML 3Page - Sharp Corporation GP1A038RCKL Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1A038RBK/GP1A038RBKL/
GP1A038RCK/GP1A038RCKL
GP1A038RBK/GP1A038RBKL/GP1A038RCK/GP1A038RCKL
I Absolute Maximum Ratings
I Outline Dimensions
(Unit : mm)
038
B
0.8
8.8
R1.4
GP1A038RBK/GP1A038RCK
GP1A038RBKL/GP1A038RCKL
3.2±
0.6
2-
φ2±0.1
2.54
0.6
1.8
1.8
1.8
6.2
11.85
4.6
6.4
3.15
5
0.6
1.4
(0.14):Light path
1.6
3.4
4
5
6
1
2
3
Anode
Cathode
GND
VOB
VOA
VCC
1
2
3
4
5
6
∗ Unspecified tolerance : ±0.3mm
∗ ( ) : Reference dimensions
0.8
038
B
O
Y
4-R1.4
4-R2.6
8.1
13
6.15
6-0.4
2-R0.5
6-0.45
(1.8)
(1.8)
(1.8)
(8.4)
8.8
(1.8)
(2-1.4)
2-
φ1.6±0.1
(1.79)
(4.2)
1.5
Light path
6
5
1
2
4
3
Parameter
Symbol
Rating
Unit
Input
50
mA
8
mA
150
mW
4
V
7
V
Output
−10 to +70
˚C
−40 to +80
˚C
260
˚C
IF
VR
VCC
IOL
PO
Tstg
Topr
(Ta
=25°C)
Tsol
*2
*1 The derating factors of absolute maximum ratings due to ambient temperature
are shown in Fig.2 to 3
*2 For 5s
Storage temperature
Operating temperature
Soldering temperature
*1
*1
Forward current
Reverse voltage
Supply voltage
Low level output current
Power dissipation
I Internal connection diagram
1
2
Anode
Cathode
GND
VOB
VOA
VCC
1
2
3
3
5
4
6
4
5
6
PD4
PD2
PD3
PD1
+
+
10k
10k
VCC
=2.7 to 5.5V
1. Printers
I Features
I Applications
OPIC Photointerrupter with
Encoder Function
1. Linear encoder for reading linear scale
2. Since the multi-divided photodiode system is adopted, high-
precision reading is possible even if the angle is deviated
between the scale and encoder.
3. High resolution:
Resolution 150LPI (GP1A038RBK/GP1A038RBKL)
Resolution 180LPI (GP1A038RCK/GP1A038RCKL)
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/


Similar Part No. - GP1A038RCKL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A05 SHARP-GP1A05 Datasheet
61Kb / 4P
   OPIC Photointerrupter with Connector
GP1A057RBKLF SHARP-GP1A057RBKLF Datasheet
527Kb / 15P
   Optoelectronics Specification
GP1A05A2 SHARP-GP1A05A2 Datasheet
62Kb / 5P
   OPIC Photointerrupter with Connector
GP1A05A2J00F SHARP-GP1A05A2J00F Datasheet
151Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A05A5J00F SHARP-GP1A05A5J00F Datasheet
151Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
More results

Similar Description - GP1A038RCKL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A16R SHARP-GP1A16R Datasheet
131Kb / 4P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTION
GP1A30R SHARP-GP1A30R Datasheet
60Kb / 4P
   OPIC Photointerrupter with Encoder Function
GP1A36RB SHARP-GP1A36RB Datasheet
57Kb / 3P
   OPIC Photointerrupter with Encoder Function
GP1A35R SHARP-GP1A35R Datasheet
144Kb / 5P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTIONS
GP1A70R SHARP-GP1A70R Datasheet
76Kb / 6P
   OPIC Photointerrupter with Encoder Functions
GP1A13R SHARP-GP1A13R Datasheet
130Kb / 5P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNTION
GP1A33R SHARP-GP1A33R Datasheet
63Kb / 5P
   OPIC Photointerruper with Encoder Function
GP1A35RV SHARP-GP1A35RV Datasheet
64Kb / 5P
   High Sensing Accuracy OPIC Photointerrupter with Encoder Functions
GP1A10 SHARP-GP1A10 Datasheet
54Kb / 4P
   OPIC Photointerrupter with Connetor
GP1A52LR SHARP-GP1A52LR Datasheet
51Kb / 4P
   OPIC Photointerrupter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com