Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MX29LV017B Datasheet(PDF) 3 Page - Macronix International

Part No. MX29LV017B
Description  16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

 
 3 page
background image
3
P/N:PM1086
MX29LV017B
REV. 1.1, DEC. 07, 2004
BLOCK STRUCTURE
Sector
A20
A19
A18
A17
A16
Address Range (in hexadecimal)
SA0
0
0
0
0
0
000000-00FFFF
SA1
0
0
0
0
1
010000-01FFFF
SA2
0
0
0
1
0
020000-02FFFF
SA3
0
0
0
1
1
030000-03FFFF
SA4
0
0
1
0
0
040000-04FFFF
SA5
0
0
1
0
1
050000-05FFFF
SA6
0
0
1
1
0
060000-06FFFF
SA7
0
0
1
1
1
070000-07FFFF
SA8
0
1
0
0
0
080000-08FFFF
SA9
0
1
0
0
1
090000-09FFFF
SA10
0
1
0
1
0
0A0000-0AFFFF
SA11
0
1
0
1
1
0B0000-0BFFFF
SA12
0
1
1
0
0
0C0000-0CFFFF
SA13
0
1
1
0
1
0D0000-0DFFFF
SA14
0
1
1
1
0
0E0000-0EFFFF
SA15
0
1
1
1
1
0F0000-0FFFFF
SA16
1
0
0
0
0
100000-10FFFF
SA17
1
0
0
0
1
110000-11FFFF
SA18
1
0
0
1
0
120000-12FFFF
SA19
1
0
0
1
1
130000-13FFFF
SA20
1
0
1
0
0
140000-14FFFF
SA21
1
0
1
0
1
150000-15FFFF
SA22
1
0
1
1
0
160000-16FFFF
SA23
1
0
1
1
1
170000-17FFFF
SA24
1
1
0
0
0
180000-18FFFF
SA25
1
1
0
0
1
190000-19FFFF
SA26
1
1
0
1
0
1A0000-1AFFFF
SA27
1
1
0
1
1
1B0000-1BFFFF
SA28
1
1
1
0
0
1C0000-1CFFFF
SA29
1
1
1
0
1
1D0000-1DFFFF
SA30
1
1
1
1
0
1E0000-1EFFFF
SA31
1
1
1
1
1
1F0000-1FFFFF
Table 1: MX29LV017B SECTOR ARCHITECTURE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MX28F160C3T16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV160CT16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV161T16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV160AT16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV160B16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV16016M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX29SL800CT8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV160AT16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV004T4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV008T8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl