Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F400CBTI-70G Datasheet(PDF) 9 Page - Macronix International

Part # MX29F400CBTI-70G
Description  4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F400CBTI-70G Datasheet(HTML) 9 Page - Macronix International

Back Button MX29F400CBTI-70G Datasheet HTML 5Page - Macronix International MX29F400CBTI-70G Datasheet HTML 6Page - Macronix International MX29F400CBTI-70G Datasheet HTML 7Page - Macronix International MX29F400CBTI-70G Datasheet HTML 8Page - Macronix International MX29F400CBTI-70G Datasheet HTML 9Page - Macronix International MX29F400CBTI-70G Datasheet HTML 10Page - Macronix International MX29F400CBTI-70G Datasheet HTML 11Page - Macronix International MX29F400CBTI-70G Datasheet HTML 12Page - Macronix International MX29F400CBTI-70G Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
P/N:PM1200
MX29F400C T/B
REV. 1.0, DEC. 20, 2005
Status
Q7
Q6
Q5
Q3
Q2
RY/BY#
Note1
Note2
Byte Program in Auto Program Algorithm
Q7#
Toggle
0
N/A
No
0
Toggle
Auto Erase Algorithm
0
Toggle
0
1
Toggle
0
Erase Suspend Read
1
No
0
N/A Toggle
1
(Erase Suspended Sector)
Toggle
In Progress
Erase Suspended Mode
Erase Suspend Read
Data
Data
Data
Data
Data
1
(Non-Erase Suspended Sector)
Erase Suspend Program
Q7#
Toggle
0
N/A
N/A
0
Byte Program in Auto Program Algorithm
Q7#
Toggle
1
N/A
No
0
Toggle
Exceeded
Time Limits
Auto Erase Algorithm
0
Toggle
1
1
Toggle
0
Erase Suspend Program
Q7#
Toggle
1
N/A
N/A
0
erase margin has been achieved for the memory array
(no erase verification command is required). Sector
erase is a six-bus cycle operation. There are two "un-
lock" write cycles. These are followed by writing the set-
up command 80H. Two more "unlock" write cycles are
then followed by the sector erase command 30H. The
sector address is latched on the falling edge of WE# or
CE#, whichever happens later, while the command(data)
is latched on the rising edge of WE# or CE#, whichever
happens first. Sector addresses selected are loaded
into internal register on the sixth falling edge of WE# or
CE#, whichever happens later. Each successive sector
load cycle started by the falling edge of WE# or CE#,
whichever happens later, must begin within 30us from
the rising edge of the preceding WE# or CE#, whichever
happens First, otherwise, the loading period ends and
internal auto sector erase cycle starts. (Monitor Q3 to
determine if the sector erase timer window is still open,
see section Q3, Sector Erase Timer.) Any command other
than Sector Erase(30H) or Erase Suspend(B0H) during
the time-out period resets the device to read mode.
SECTOR ERASE COMMANDS
The Automatic Sector Erase does not require the de-
vice to be entirely pre-programmed prior to executing
the Automatic Set-up Sector Erase command and Auto-
matic Sector Erase command. Upon executing the Au-
tomatic Sector Erase command, the device will auto-
matically program and verify the sector(s) memory for
an all-zero data pattern. The system is not required to
provide any control or timing during these operations.
When the sector(s) is automatically verified to contain
an all-zero pattern, a self-timed sector erase and verify
begin. The erase and verify operations are complete
when the data on Q7 is "1" and the data on Q6 stops
toggling for two consecutive read cycles, at which time
the device returns to the Read mode. The system is not
required to provide any control or timing during these
operations.
When using the Automatic Sector Erase algorithm, note
that the erase automatically terminates when adequate
Table 4. Write Operation Status
Note:
1. Q7 and Q2 require a valid address when reading status information. Refer to the appropriate subsection for further details.
2. Q5 switches to '1' when an Auto Program or Auto Erase operation has exceeded the maximum timing limits.
See "Q5:Exceeded Timing Limits " for more information.


Similar Part No. - MX29F400CBTI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000PC-12 MCNIX-MX29F4000PC-12 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000PC-55 MCNIX-MX29F4000PC-55 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000PC-70 MCNIX-MX29F4000PC-70 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000PC-90 MCNIX-MX29F4000PC-90 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results

Similar Description - MX29F400CBTI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
   4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com