Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F200CBMI-90G Datasheet(PDF) 3 Page - Macronix International

Part # MX29F200CBMI-90G
Description  2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F200CBMI-90G Datasheet(HTML) 3 Page - Macronix International

  MX29F200CBMI-90G Datasheet HTML 1Page - Macronix International MX29F200CBMI-90G Datasheet HTML 2Page - Macronix International MX29F200CBMI-90G Datasheet HTML 3Page - Macronix International MX29F200CBMI-90G Datasheet HTML 4Page - Macronix International MX29F200CBMI-90G Datasheet HTML 5Page - Macronix International MX29F200CBMI-90G Datasheet HTML 6Page - Macronix International MX29F200CBMI-90G Datasheet HTML 7Page - Macronix International MX29F200CBMI-90G Datasheet HTML 8Page - Macronix International MX29F200CBMI-90G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
P/N:PM1250
REV. 1.0 , DEC. 14, 2005
MX29F200C T/B
MX29F200CT Top Boot Sector Addresses Tables
Sector Size
Address Range (in hexadecimal)
(Kbytes/
A16
A15
A14
A13
A12
Kwords)
(x8)Address Range
(x16) Address Range
SA0
0
0
X
X
X
64/32
00000h-0FFFFh
00000h-07FFFh
SA1
0
1
X
X
X
64/32
10000h-1FFFFh
08000h-0FFFFh
SA2
1
0
X
X
X
64/32
20000h-2FFFFh
10000h-17FFFh
SA3
110X
X
32/16
30000h-37FFFh
18000h-1BFFFh
SA4
1110
0
8/4
38000h-39FFFh
1C000h-1CFFFh
SA5
1110
1
8/4
3A000h-3BFFFh
1D000h-1DFFFh
SA6
1111
X
16/8
3C000h-3FFFFh
1E000h-1FFFFh
MX29F200CB Bottom Boot Sector Addresses Tables
Sector Size
Address Range (in hexadecimal)
(Kbytes/
A16
A15
A14
A13
A12
Kwords)
(x8)Address Range
(x16) Address Range
SA0
0000X
16/8
00000h-03FFFh
00000h-01FFFh
SA1
00010
8/4
04000h-05FFFh
02000h-02FFFh
SA2
00011
8/4
06000h-07FFFh
03000h-03FFFh
SA3
001X
X
32/16
08000h-0FFFFh
04000h-07FFFh
SA4
0
1
X
X
X
64/32
10000h-1FFFFh
08000h-0FFFFh
SA5
1
0
X
X
X
64/32
20000h-2FFFFh
10000h-17FFFh
SA6
1
1
X
X
X
64/32
30000h-3FFFFh
18000h-1FFFFh
SECTOR STRUCTURE


Similar Part No. - MX29F200CBMI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F200BMC-12 MCNIX-MX29F200BMC-12 Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200BMC-55 MCNIX-MX29F200BMC-55 Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200BMC-70 MCNIX-MX29F200BMC-70 Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200BMC-90 MCNIX-MX29F200BMC-90 Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200BMI-12 MCNIX-MX29F200BMI-12 Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
More results

Similar Description - MX29F200CBMI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F200T MCNIX-MX29F200T Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27C2100 MCNIX-MX27C2100 Datasheet
563Kb / 17P
   2M-BIT [256Kx8/128x16] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com