Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN89302 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MN89302
Description  SVGA Display Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN89302 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MN89302 Datasheet HTML 1Page - Panasonic Semiconductor MN89302 Datasheet HTML 2Page - Panasonic Semiconductor MN89302 Datasheet HTML 3Page - Panasonic Semiconductor MN89302 Datasheet HTML 4Page - Panasonic Semiconductor MN89302 Datasheet HTML 5Page - Panasonic Semiconductor MN89302 Datasheet HTML 6Page - Panasonic Semiconductor MN89302 Datasheet HTML 7Page - Panasonic Semiconductor MN89302 Datasheet HTML 8Page - Panasonic Semiconductor MN89302 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
For Information Equipment
MN89302
Pin Descriptions (continued)
Pin No.
Symbol
I/O
Level
Function Description
94
LCAS
O
CMOS
Lower Column Address Strobe (LCAS)
This output is the strobe signal for the lower column address
latch. In the 2WE mode, however, it functions as the LWE
signal.
92
WE
O
CMOS
Write Enable
This output is the data write signal. In the 2WE mode, however,
it functions as the UWE signal.
112 to 97
MD[15:0]
I/O
TTL
Memory Data
These pins represent the data bus to the DRAM.
26
BIOSEN
O
CMOS
BIOS Enable
This output enables ROM BIOS output.
49
BACKON
O
CMOS
Backlight ON
This output requests backlighting.
"L" level: OFF; "H" level: ON
50
LCDON
O
CMOS
LCD Drive ON
This output requests power-ON for the LCD panel.
"L" level: OFF; "H" level: ON
51
LOGICON
O
CMOS
LCD Logic ON
This output requests power-ON for LCD panel logic circuits.
"L" level: OFF; "H" level: ON
56
LP
O
CMOS
Line Pulse
This output provides pulses indicating the end of a line of the
LCD panel.
55
FP
O
CMOS
Frame Pulse
This output provides pulses indicating the start of a frame of the
LCD panel.
54
DISP
O
CMOS
Display Enable
This output enables the LCD display. An external RAMDAC
uses this signal as a blanking signal. A TFT LCD uses it as an
enable signal.
57
DCLK
O
CMOS
Data Shift Clock
This pin provides a data shift clock signal for an STN LCD panel
or a dot clock signal for a TFT LCD panel or external RAMDAC.
77 to 70
UD[7:0]
O
CMOS
Upper Data[7:0]
67 to 60
LD[7:0]
O
CMOS
Lower Data[7:0]
This pins provide display data. Usage varies with the LCD panel
type.


Similar Part No. - MN89302

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN89303 PANASONIC-MN89303 Datasheet
62Kb / 11P
   SVGA Display Controller
MN89303A PANASONIC-MN89303A Datasheet
62Kb / 11P
   SVGA Display Controller
More results

Similar Description - MN89302

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN89303A PANASONIC-MN89303A Datasheet
62Kb / 11P
   SVGA Display Controller
logo
AAEON Technology
AGD-310D AAEON-AGD-310D Datasheet
274Kb / 2P
   10.4" SVGA Rugged Touch Display
logo
Schneider Electric
HMIDT542 SCHNEIDER-HMIDT542 Datasheet
125Kb / 4P
   10.4 Touch Smart Display SVGA
Aug 11, 2019
logo
National Semiconductor ...
DS90C387 NSC-DS90C387_06 Datasheet
910Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
logo
Hantronix,Inc
HDA800ST-GL HANTRONIX-HDA800ST-GL Datasheet
1Mb / 18P
   8?? TFT SVGA (800X600) COLOR LCD DISPLAY MODULE
logo
Advantech Co., Ltd.
IDK-1112R ADVANTECH-IDK-1112R_14 Datasheet
259Kb / 2P
   12.1" SVGA Industrial Display kit with Touch Solution
logo
Hantronix,Inc
HDA800S-GT HANTRONIX-HDA800S-GT_15 Datasheet
1Mb / 16P
   8 TFT SVGA (800X600) COLOR LCD DISPLAY MODULE
logo
National Semiconductor ...
DS90C387 NSC-DS90C387 Datasheet
526Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
Advantech Co., Ltd.
IDK-1110R ADVANTECH-IDK-1110R Datasheet
1Mb / 2P
   10.4" SVGA Industrial Display kit with Touch Solution
logo
Axiomtek Co., Ltd.
GOT5100T-832 AXIOMTEK-GOT5100T-832_17 Datasheet
493Kb / 2P
   10.4 SVGA TFT LCD display with LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com