Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAA4100A Datasheet(PDF) 6 Page - Tripath Technology Inc.

Part # TAA4100A
Description  FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TAA4100A Datasheet(HTML) 6 Page - Tripath Technology Inc.

Back Button TAA4100A Datasheet HTML 2Page - Tripath Technology Inc. TAA4100A Datasheet HTML 3Page - Tripath Technology Inc. TAA4100A Datasheet HTML 4Page - Tripath Technology Inc. TAA4100A Datasheet HTML 5Page - Tripath Technology Inc. TAA4100A Datasheet HTML 6Page - Tripath Technology Inc. TAA4100A Datasheet HTML 7Page - Tripath Technology Inc. TAA4100A Datasheet HTML 8Page - Tripath Technology Inc. TAA4100A Datasheet HTML 9Page - Tripath Technology Inc. TAA4100A Datasheet HTML 10Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Tri p ath Techn o l o g y, I n c. - Techn i cal I n fo rmati o n
6
TAA4100A – KL/ Rev. 1.0/11.05
Pin Description
PIN
NAME
/FUNCTION
TYPE
DESCRIPTION
1
IN1
INPUT
Channel 1 Input
2
IN2
INPUT
Channel 2 Input
3
IN3
INPUT
Channel 3 Input
4
IN4
INPUT
Channel 4 Input
5
BIASCAP
Internal reference bypass capacitor connection
6
SLEEPB
INPUT (L)
Logic input, ACTIVE LOW. Setting SLEEP to low puts the
TAA4100A in sleep mode. This pin must be driven high via an
external power supply or microcontroller for the TAA4100A to
begin operation. Input range is 0 to 5V with 3.3V compliant
inputs.
7
AM
INPUT (L)
Logic input, ACTIVE HIGH. Enables Analog Mode operation.
Typically driven by an external power supply of microcontroller.
Input range is 0 to 5V with 3.3V compliant inputs.
8
OVRLDB
OUTPUT (L)
Logic output, ACTIVE LOW. OVRLDB low indicates the input
has overloaded the amplifier
9
MUTEB
INPUT (L)
Logic Input, ACTIVE LOW. Setting MUTE to low puts the device
in mute mode. Typically driven by external power supply or
microcontroller. Input range is 0 to 5V with 3.3V compliant
inputs.
10
AGND1
GND
Analog ground
11
5VGEN
On chip 5V regulator bypass capacitor connection
12
HMUTEB
OUTPUT (L)
Logic output, ACTIVE LOW. HMUTEB low indicates TAA4100A
is in mute mode
13
VPPA
POWER
Positive power supply voltage connection
14
AGND2
GND
Analog ground
15
CPUMP
OUTPUT
Charge pump output capacitor
16
OUT4P
OUTPUT
Positive Output Channel 4
17
VPP4
POWER
Positive Supply Voltage Channel 4
18
PGND
GND
Power Ground
19
OUT4N
OUTPUT
Negative Output Channel 4
20
OUT3N
OUTPUT
Negative Output Channel 3
21
VPP3
POWER
Positive Supply Voltage Channel 3
22
OUT3P
OUTPUT
Positive Output Channel 3
23
FAULT
OUTPUT (L)
Open Drain Logic Output, ACTIVE HIGH. FAULT high indicates
fault condition.
24
OUT2P
OUTPUT
Positive Output Channel 2
25
VPP2
POWER
Positive Supply Voltage Channel 2
26
OUT2N
OUTPUT
Negative Output Channel 2
27
OUT1N
OUTPUT
Negative Output Channel 1
28
PGND
GND
Power Ground
29
VPP1
POWER
Positive Supply Voltage Channel 1
30
OUT1P
OUTPUT
Positive Output Channel 1
31
DCAP
OUTPUT
External Charge Pump Circuit Output. DCAP is a free running
400kHz square wave between VDDA (pin 13) and AGND (pin
14) with a 14.4Vpp nominal amplitude.
32
PGND
GND
Power Ground


Similar Part No. - TAA4100A

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results

Similar Description - TAA4100A

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com