Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F400CBTI-90 Datasheet(PDF) 6 Page - Macronix International

Part # MX29F400CBTI-90
Description  4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F400CBTI-90 Datasheet(HTML) 6 Page - Macronix International

Back Button MX29F400CBTI-90 Datasheet HTML 2Page - Macronix International MX29F400CBTI-90 Datasheet HTML 3Page - Macronix International MX29F400CBTI-90 Datasheet HTML 4Page - Macronix International MX29F400CBTI-90 Datasheet HTML 5Page - Macronix International MX29F400CBTI-90 Datasheet HTML 6Page - Macronix International MX29F400CBTI-90 Datasheet HTML 7Page - Macronix International MX29F400CBTI-90 Datasheet HTML 8Page - Macronix International MX29F400CBTI-90 Datasheet HTML 9Page - Macronix International MX29F400CBTI-90 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
P/N:PM1200
MX29F400C T/B
REV. 1.0, DEC. 20, 2005
First Bus
Second Bus Third Bus
Fourth Bus
Fifth Bus
Sixth Bus
Command
Bus
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data Addr
Data
Reset
1
XXXH F0H
Read
1
RA
RD
Read Silicon
Word
4
555H AAH
2AAH 55H
555H
90H
ADI
DDI
ID
Byte
4
AAAH AAH
555H 55H
AAAH 90H
ADI
DDI
Sector Protect
Word
4
555H AAH
2AAH 55H
555H
90H
(SA)
XX00H
Verify
x02H XX01H
Byte
4
AAAH AAH
555H 55H
AAAH 90H
(SA)
00H
x04H 01H
Program
Word
4
555H AAH
2AAH 55H
555H
A0H
PA
PD
Byte
4
AAAH AAH
555H 55H
AAAH A0H
PA
PD
Chip Erase
Word
6
555H AAH
2AAH 55H
555H
80H
555H AAH
2AAH 55H
555H 10H
Byte
6
AAAH AAH
555H 55H
AAAH 80H
AAAH AAH
555H
55H
AAAH 10H
Sector Erase
Word
6
555H AAH
2AAH 55H
555H
80H
555H AAH
2AAH 55H
SA
30H
Byte
6
AAAH AAH
555H 55H
AAAH 80H
AAAH AAH
555H
55H
SA
30H
Sector Erase Suspend
1
XXXH B0H
Sector Erase Resume
1
XXXH 30H
Unlock for sector
6
555H AAH
2AAH 55H
555H
80H
555H AAH
2AAH 55H
555H 20H
protect/unprotect
TABLE 1. SOFTWARE COMMAND DEFINITIONS
Note:
1. ADI = Address of Device identifier; A1=0, A0 = 0 for manufacture code,A1=0, A0 = 1 for device code, A2~A17=do not care.
(Refer to table 3)
DDI = Data of Device identifier : C2H for manufacture code, 23H/ABH (x8) and 2223H/22ABH (x16) for device code.
X = X can be VIL or VIH
RA=Address of memory location to be read.
RD=Data to be read at location RA.
2. PA = Address of memory location to be programmed.
PD = Data to be programmed at location PA.
SA = Address to the sector to be erased.
3. The system should generate the following address patterns: 555H or 2AAH to Address A10~A0 in word mode/AAAH or
555H to Address A10~A-1 in byte mode.
Address bit A11~A17=X=Don't care for all address commands except for Program Address (PA) and Sector
Address (SA). Write Sequence may be initiated with A11~A17 in either state.
4. For Sector Protect Verify operation:If read out data is 01H, it means the sector has been protected. If read out data is 00H, it
means the sector is still not being protected.


Similar Part No. - MX29F400CBTI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000PC-12 MCNIX-MX29F4000PC-12 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000PC-55 MCNIX-MX29F4000PC-55 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000PC-70 MCNIX-MX29F4000PC-70 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000PC-90 MCNIX-MX29F4000PC-90 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results

Similar Description - MX29F400CBTI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
   4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com