Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F040CQI-70G Datasheet(PDF) 29 Page - Macronix International

Part # MX29F040CQI-70G
Description  4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F040CQI-70G Datasheet(HTML) 29 Page - Macronix International

Back Button MX29F040CQI-70G Datasheet HTML 25Page - Macronix International MX29F040CQI-70G Datasheet HTML 26Page - Macronix International MX29F040CQI-70G Datasheet HTML 27Page - Macronix International MX29F040CQI-70G Datasheet HTML 28Page - Macronix International MX29F040CQI-70G Datasheet HTML 29Page - Macronix International MX29F040CQI-70G Datasheet HTML 30Page - Macronix International MX29F040CQI-70G Datasheet HTML 31Page - Macronix International MX29F040CQI-70G Datasheet HTML 32Page - Macronix International MX29F040CQI-70G Datasheet HTML 33Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29
P/N:PM1201
REV. 1.0, DEC. 20, 2005
MX29F040C
CHIP UNPROTECTION ALGORITHM FOR SYSTEM WITHOUT 12V
START
Protect All Sectors
PLSCNT=1
Chip Unprotect
Complete
Data=00H?
Toggle bit checking
Q6 not Toggled
Yes
Yes
Write "unlock for sector protect/unprotect"
Command (Table 1)
Set OE#=A9=VIH
CE#=VIL,A6=1
Activate WE# Pulse to start
Data do'nt care
Set OE#=CE#=VIL
A9=VIH,A1=1
Set Up First Sector Addr
All sectors have
been verified?
Write Reset Command
Device Failed
PLSCNT=1000?
No
Increment
PLSCNT
No
Read Data from Device
Yes
Yes
No
No
Increment
Sector Addr
* It is recommended before unprotect whole chip, all sectors should be protected in advance.


Similar Part No. - MX29F040CQI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F040CQI-70G MCNIX-MX29F040CQI-70G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
More results

Similar Description - MX29F040CQI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F040CQC-70G MCNIX-MX29F040CQC-70G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV081B MCNIX-MX29LV081B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV065B ETC1-MX29LV065B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV081 MCNIX-MX29LV081 Datasheet
466Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com