Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F400CTTI-55 Datasheet(PDF) 3 Page - Macronix International

Part # MX29F400CTTI-55
Description  4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F400CTTI-55 Datasheet(HTML) 3 Page - Macronix International

  MX29F400CTTI-55 Datasheet HTML 1Page - Macronix International MX29F400CTTI-55 Datasheet HTML 2Page - Macronix International MX29F400CTTI-55 Datasheet HTML 3Page - Macronix International MX29F400CTTI-55 Datasheet HTML 4Page - Macronix International MX29F400CTTI-55 Datasheet HTML 5Page - Macronix International MX29F400CTTI-55 Datasheet HTML 6Page - Macronix International MX29F400CTTI-55 Datasheet HTML 7Page - Macronix International MX29F400CTTI-55 Datasheet HTML 8Page - Macronix International MX29F400CTTI-55 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3
P/N:PM1200
MX29F400C T/B
REV. 1.0, DEC. 20, 2005
Sector Size
Address Range (in hexadecimal)
(Kbytes/
(x8)
(x16)
Sector
A17
A16
A15
A14
A13
A12
Kwords)
Address Range
Address Range
SA0
0
0
0
X
X
X
64/32
00000h-0FFFFh
00000h-07FFFh
SA1
0
0
1
X
X
X
64/32
10000h-1FFFFh
08000h-0FFFFh
SA2
0
1
0
X
X
X
64/32
20000h-2FFFFh
10000h-17FFFh
SA3
0
1
1
X
X
X
64/32
30000h-3FFFFh
18000h-1FFFFh
SA4
1
0
0
X
X
X
64/32
40000h-4FFFFh
20000h-27FFFh
SA5
1
0
1
X
X
X
64/32
50000h-5FFFFh
28000h-2FFFFh
SA6
1
1
0
X
X
X
64/32
60000h-6FFFFh
30000h-37FFFh
SA7
1
1
1
0
X
X
32/16
70000h-77FFFh
38000h-3BFFFh
SA8
1
111008/4
78000h-79FFFh
3C000h-3CFFFh
SA9
1
111018/4
7A000h-7BFFFh
3D000h-3DFFFh
SA10
1
1111X
16/8
7C000h-7FFFFh
3E000h-3FFFFh
Sector Size
Address Range (in hexadecimal)
(Kbytes/
(x8)
(x16)
Sector
A17
A16
A15
A14
A13
A12
Kwords)
Address Range
Address Range
SA0
0
0000X
16/8
00000h-03FFFh
00000h-01FFFh
SA1
0
000108/4
04000h-05FFFh
02000h-02FFFh
SA2
0
000118/4
06000h-07FFFh
03000h-03FFFh
SA3
0
0
0
1
X
X
32/16
08000h-0FFFFh
04000h-07FFFh
SA4
0
0
1
X
X
X
64/32
10000h-1FFFFh
08000h-0FFFFh
SA5
0
1
0
X
X
X
64/32
20000h-2FFFFh
10000h-17FFFh
SA6
0
1
1
X
X
X
64/32
30000h-3FFFFh
18000h-1FFFFh
SA7
1
0
0
X
X
X
64/32
40000h-4FFFFh
20000h-27FFFh
SA8
1
0
1
X
X
X
64/32
50000h-5FFFFh
28000h-2FFFFh
SA9
1
1
0
X
X
X
64/32
60000h-6FFFFh
30000h-37FFFh
SA10
1
1
1
X
X
X
64/32
70000h-7FFFFh
38000h-3FFFFh
Note: Address range is A17~A-1 in byte mode and A17~A0 in word mode.
SECTOR STRUCTURE
MX29F400CT TOP BOOT SECTOR ADDRESS TABLE
MX29F400CB BOTTOM BOOT SECTOR ADDRESS TABLE


Similar Part No. - MX29F400CTTI-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000PC-12 MCNIX-MX29F4000PC-12 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000PC-55 MCNIX-MX29F4000PC-55 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000PC-70 MCNIX-MX29F4000PC-70 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000PC-90 MCNIX-MX29F4000PC-90 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results

Similar Description - MX29F400CTTI-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
   4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com