Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD3052 Datasheet(PDF) 2 Page - Solid State Optronic

Part # TD3052
Description  Random Switching Triac Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3052 Datasheet(HTML) 2 Page - Solid State Optronic

  TD3052 Datasheet HTML 1Page - Solid State Optronic TD3052 Datasheet HTML 2Page - Solid State Optronic TD3052 Datasheet HTML 3Page - Solid State Optronic TD3052 Datasheet HTML 4Page - Solid State Optronic TD3052 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TD3052
Random Switching
Triac Driver
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current
m
5
10
Io = 100mA
A
Turn-Off Current
m
0.5
A
OUTPUT SPECIFICATIONS
Blocking Voltage
V
600
Io = 1uA
Continuous Load Current
m
100
Iin = 5mA
A
Holding Current
µ
250
A
Leakage Current
µ
1
Vo =600V
A
On-State Voltage
V
2
3
Iin = 5mA
Critical Rate of Rise
V
1000
1500
/
µ s
COUPLED SPECIFICATIONS
Isolation Voltage
V
5000
T = 1 minute
Coupled Capacitance
p
2
F
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 5
TD3052
rev 1.40 (10/25/2004)
Vdc
400V
R = 1 k
CTEST 200pF
X100
SCOPE
PROBE
PULSE
INPUT
MERCURY
WETTED
RELAY
252 V
0 VOLTS
APPLIED VOLTAGE
WAVEFORM
Vmax =
dv/dt =
0.63 Vmax
=
252
RTEST
D.U.T.
D.U.T.
RC
RC
RC
400 V
STATIC dV/dt TEST CIRCUIT


Similar Part No. - TD3052

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3051 SSOUSA-TD3051 Datasheet
396Kb / 9P
   Random Phase Switching
TD3053 SSOUSA-TD3053 Datasheet
396Kb / 9P
   Random Phase Switching
More results

Similar Description - TD3052

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3022 SSOUSA-TD3022 Datasheet
263Kb / 4P
   Random-Phase Triac Driver
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
   Random-Phase Triac Driver
logo
COSMO Electronics Corp...
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X Datasheet
214Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X_15 Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3502 COSMO-KTLP3502_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com