Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD3052 Datasheet(PDF) 1 Page - Solid State Optronic

Part # TD3052
Description  Random Switching Triac Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3052 Datasheet(HTML) 1 Page - Solid State Optronic

  TD3052 Datasheet HTML 1Page - Solid State Optronic TD3052 Datasheet HTML 2Page - Solid State Optronic TD3052 Datasheet HTML 3Page - Solid State Optronic TD3052 Datasheet HTML 4Page - Solid State Optronic TD3052 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TD3052
Random Switching
Triac Driver
The TD3052 consists of an AlGaAs LED optically coupled to a Random Phase triac driver chip. The TD3052 provides high input-to-
output isolation and is designed to drive high-powered triacs. Typical uses include interfacing logic level control signals to equipment
powered from 110Vac and 220Vac lines.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Random phase switching
600V blocking voltage
High input-to-output isolation (5kV MIN)
10mA turn-on (trigger) current
High reliability
Home appliances
Motor control
Solid state relays
Valve control
Solenoids
Dimmers
High Power Triacs
0.4" Lead spacing (see mechanical dimensio
-H
Surface Mount Leadform Option
-S
Tape and Reel Option
-TR
Signifies VDE approval
-V
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
500
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
1
2
+ Input
- Input
3
6
5
4
+/- AC Output
Do Not Use
-/+ AC Output
UL / C-UL Approved File #E201932
VDE Approved, Lic # 40011225
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 5
TD3052
rev 1.40 (10/25/2004)


Similar Part No. - TD3052

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3051 SSOUSA-TD3051 Datasheet
396Kb / 9P
   Random Phase Switching
TD3053 SSOUSA-TD3053 Datasheet
396Kb / 9P
   Random Phase Switching
More results

Similar Description - TD3052

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3022 SSOUSA-TD3022 Datasheet
263Kb / 4P
   Random-Phase Triac Driver
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
   Random-Phase Triac Driver
logo
COSMO Electronics Corp...
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X Datasheet
214Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X_15 Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3502 COSMO-KTLP3502_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com