Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD3022 Datasheet(PDF) 2 Page - Solid State Optronic

Part # TD3022
Description  Random-Phase Triac Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3022 Datasheet(HTML) 2 Page - Solid State Optronic

  TD3022 Datasheet HTML 1Page - Solid State Optronic TD3022 Datasheet HTML 2Page - Solid State Optronic TD3022 Datasheet HTML 3Page - Solid State Optronic TD3022 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS - 25°
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
I
F = 10mA
Peak Forward
Voltage
V
3
.5
I
FM= 0.5A
10
Main Terminal Voltage =3V
u
A
A
OUTPUT SPECIFICATIONS
Blocking Voltage
V
400
Io = 1uA
Peak Blocking Current
nA
10
VDRM=Rated
Holding Current
10
0
A
On-State Voltage
V
1.6
3
ITM= 100mA
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com
TD30
22
Random-Phase
Triac Driver
Trigger Current
m
10
Peak Forward
Voltage
V
Reverse Leakage Current
VR=4V
COUPLED SPECIFICATIONS
Critical rate of rise Off-State Voltage
V/us
VDRM= (1/2) *Rated
Isolation Resistance
Gohm
5
0
DC500V
Isolation Voltage T=1 Minute
10
Vrms
Turn-on time
1
00
VD=6V, RL=100ohm, IF=20mA
s
5000


Similar Part No. - TD3022

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3021 SSOUSA-TD3021 Datasheet
396Kb / 9P
   Random Phase Switching
TD3023 SSOUSA-TD3023 Datasheet
581Kb / 5P
   Random Phase Switching
logo
MORNSUN Science& Techno...
TD302D232H MORNSUN-TD302D232H Datasheet
537Kb / 3P
   DUALHIGH SPEED RS232 ISOLATION TRANSCEIVER
TD302DCAN MORNSUN-TD302DCAN Datasheet
541Kb / 3P
   DUPLEX UNIVERSAL CAN ISOLATION TRANSCEIVER MODULE
More results

Similar Description - TD3022

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
   Random-Phase Triac Driver
logo
COSMO Electronics Corp...
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X Datasheet
214Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X_15 Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3502 COSMO-KTLP3502_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
Everlight Electronics C...
ELT302X EVERLIGHT-ELT302X Datasheet
637Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com