Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX28F640C3TXAI-12 Datasheet(PDF) 11 Page - Macronix International

Part # MX28F640C3TXAI-12
Description  64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F640C3TXAI-12 Datasheet(HTML) 11 Page - Macronix International

Back Button MX28F640C3TXAI-12 Datasheet HTML 7Page - Macronix International MX28F640C3TXAI-12 Datasheet HTML 8Page - Macronix International MX28F640C3TXAI-12 Datasheet HTML 9Page - Macronix International MX28F640C3TXAI-12 Datasheet HTML 10Page - Macronix International MX28F640C3TXAI-12 Datasheet HTML 11Page - Macronix International MX28F640C3TXAI-12 Datasheet HTML 12Page - Macronix International MX28F640C3TXAI-12 Datasheet HTML 13Page - Macronix International MX28F640C3TXAI-12 Datasheet HTML 14Page - Macronix International MX28F640C3TXAI-12 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
P/N:PM0900
MX28F640C3T/B
REV. 0.6, AUG. 20, 2003
and output high impedance state.
In read modes, RESET-low deselects the memory,
places output drivers in a high-impedance state and turns
off all internal circuits. RESET must be held low for a
minimum of 100ns. Time tPHQV is required after return
from reset mode until initial memory access outputs are
valid. After this wake-up interval tPHEL or tPHWL, nor-
mal operation is restored. The CUI is reset to read array
mode and status register is set to 80H. Sector lock bit is
set at lock status.
During sector erase, word write or sector lock/unlock
modes, RESET-low will abort the operation. Memory con-
tents being altered are no longer valid; the data may be
partially erased or written.
In addition, CUI will go into either array read mode or
erase/write interrupted mode. When power is up and the
device reset subsequently, it is necessary to read sta-
tus register in order to assure the status of the device.
Recognizing status register (SR.7~0) will assure if the
device goes back to normal reset and enters array read
mode.
3.5 Read Configuration Codes
The read configuration codes operation outputs the manu-
facturer code, device code, sector lock configuration
codes, and the protection register Using the manufac-
turer and device codes, the system CPU can automati-
cally match the device with its proper algorithms. The
sector lock codes identify locked and unlocked sectors.
3.6 Write
Writing commands to the CUI enable reading of device
data and identifier codes. They also control inspection
and clearing of the status register.When VCC=2.7V-3.6V
and VPP=VPPH1/2, the CUI additionally controls sec-
tor erase, full chip erase, word write and sector lock/
unlock.
The Sector Erase command requires appropriate com-
mand data and an address within the sector to be erased.
The Full Chip Erase command requires appropriate com-
mand data and an address within the device. The Word
Write command requires the command and address of
the location to be written. Set Sector lock/unlock com-
mands require the command and address within the de-
vice or sector within the device (Sector Lock) to be
locked. The Clear Sector Lock-Bits command requires
the command and address within the device.
The CUI does not occupy an addressable memory loca-
tion. It is written when WE and CE are active (whichever
goes high first). The address and data needed to ex-
ecute a command are latched on the rising edge of WE
or CE. Standard microprocessor write timings are used.


Similar Part No. - MX28F640C3TXAI-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F640C3BB MCNIX-MX28F640C3BB Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BBTC-12 MCNIX-MX28F640C3BBTC-12 Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BBTC-90 MCNIX-MX28F640C3BBTC-90 Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BBTI-12 MCNIX-MX28F640C3BBTI-12 Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BBTI-90 MCNIX-MX28F640C3BBTI-90 Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX28F640C3TXAI-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com