Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S106 Datasheet(PDF) 1 Page - Solid State Optronic

Part # S106
Description  1 Form A Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

S106 Datasheet(HTML) 1 Page - Solid State Optronic

  S106 Datasheet HTML 1Page - Solid State Optronic S106 Datasheet HTML 2Page - Solid State Optronic S106 Datasheet HTML 3Page - Solid State Optronic S106 Datasheet HTML 4Page - Solid State Optronic S106 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S106
1 Form A
Solid State Relay
The S106 is a bi-directional, single-pole, single-throw, normally open multipurpose relay. The circuit is composed of one LED on the input
side which activates an optically coupled IC on the output - controlling the firing angle of two back-to-back SCRs. This circuit assures no
false triggering under most adverse conditions, and a tight zero-volt window not exceeding 5V.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Zero-Volt Cross Switching
High transient immunity
400V blocking voltage
0.8A maximum continuous current
Low input control current
High input-to-output isolation
Solid state reliability
Valve control
Solenoids
Home appliances
Metering equipment
Heating elements
Gas pump control circuitry
High Input-to-Output Isolation
-H
Surface Mount Leadform Option
-S
Tape and Reel Option
-TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
500
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
BABT CERTIFICATE #608203:
BS EN 60950, BS EN 41003, BS EN 60065
UL FILE #E90096
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 5
S106
rev 1.40 (10/25/2004)


Similar Part No. - S106

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S106-X SSOUSA-S106-X Datasheet
225Kb / 5P
   1 Form A Solid State Relay
S106-X SSOUSA-S106-X_15 Datasheet
441Kb / 8P
   Zero-Volt Cross Switching
logo
Everlight Electronics C...
S1060 EVERLIGHT-S1060 Datasheet
81Kb / 4P
   5.0mm Round Type LED Lamps
logo
Hamamatsu Corporation
S10604-200CT HAMAMATSU-S10604-200CT_15 Datasheet
537Kb / 7P
   Photo IC diode
S10625-01CT HAMAMATSU-S10625-01CT Datasheet
209Kb / 5P
   Si photodiode
More results

Similar Description - S106

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com