Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26LV160BXBC-70G Datasheet(PDF) 6 Page - Macronix International

Part # MX26LV160BXBC-70G
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV160BXBC-70G Datasheet(HTML) 6 Page - Macronix International

Back Button MX26LV160BXBC-70G Datasheet HTML 2Page - Macronix International MX26LV160BXBC-70G Datasheet HTML 3Page - Macronix International MX26LV160BXBC-70G Datasheet HTML 4Page - Macronix International MX26LV160BXBC-70G Datasheet HTML 5Page - Macronix International MX26LV160BXBC-70G Datasheet HTML 6Page - Macronix International MX26LV160BXBC-70G Datasheet HTML 7Page - Macronix International MX26LV160BXBC-70G Datasheet HTML 8Page - Macronix International MX26LV160BXBC-70G Datasheet HTML 9Page - Macronix International MX26LV160BXBC-70G Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
P/N:PM1090
MX26LV160
REV. 1.0, NOV. 08, 2004
AUTOMATIC PROGRAMMING
The MX26LV160 is word/byte programmable using the
Automatic Programming algorithm. The Automatic Pro-
gramming algorithm makes the external system do not
need to have time out sequence nor to verify the data
programmed.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm requires the
user to only write program set-up commands (including
2 unlock write cycle and A0H) and a program command
(program data and address). The device automatically
times the programming pulse width, provides the pro-
gram verification, and counts the number of sequences.
A status bit similar to DATA# polling and a status bit
toggling between consecutive read cycles, provide feed-
back to the user as to the status of the programming
operation. Refer to write operation status, table 7, for more
information on these status bits.
AUTOMATIC CHIP ERASE
The entire chip is bulk erased using 10 ms erase pulses
according to MXIC's Automatic Chip Erase algorithm.
The Automatic Erase algorithm automatically programs
the entire array prior to electrical erase. The timing and
verification of electrical erase are controlled internally
within the device.
AUTOMATIC SECTOR ERASE
The MX26LV160 is sector(s) erasable using MXIC's Auto
Sector Erase algorithm. The Automatic Sector Erase
algorithm automatically programs the specified sector(s)
prior to electrical erase. The timing and verification of
electrical erase are controlled internally within the de-
vice. An erase operation can erase one sector, multiple
sectors, or the entire device.
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to
write commands to the command register using stan-
dard microprocessor write timings. The device will auto-
matically pre-program and verify the entire array. Then
the device automatically times the erase pulse width,
provides the erase verification, and counts the number of
sequences. A status bit toggling between consecutive
read cycles provides feedback to the user as to the sta-
tus of the erasing operation.
Register contents serve as inputs to an internal state-
machine which controls the erase and programming cir-
cuitry. During write cycles, the command register inter-
nally latches address and data needed for the program-
ming and erase operations. During a system write cycle,
addresses are latched on the falling edge, and data are
latched on the rising edge of WE# or CE#, whichever
happens first.
MXIC's high speed Flash technology combines years of
EPROM experience to produce the highest levels of
quality, reliability, and cost effectiveness.The MX26LV160
electrically erases all bits simultaneously using Fowler-
Nordheim tunneling. The bytes are programmed by us-
ing the EPROM programming mechanism of hot electron
injection.
During a program cycle, the state-machine will control
the program sequences and command register will not
respond to any command set. After the state machine
has completed its task, it will allow the command regis-
ter to respond to its full command set.
AUTOMATIC SELECT
The auto select mode provides manufacturer and de-
vice identification, through identifier codes output on
Q7~Q0. This mode is mainly adapted for programming
equipment on the device to be programmed with its pro-
gramming algorithm.When programming by high voltage
method, automatic select mode requires VID (11V to
12V) on address pin A9 and other address pin A6, A1
and A0 as referring to Table 3. In addition, to access the
automatic select codes in-system, the host can issue
the automatic select command through the command
register without requiring VID, as shown in table 4.


Similar Part No. - MX26LV160BXBC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV160AB MCNIX-MX26LV160AB Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160ABMC-55 MCNIX-MX26LV160ABMC-55 Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160ABMC-55G MCNIX-MX26LV160ABMC-55G Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160ABMC-70 MCNIX-MX26LV160ABMC-70 Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160ABMC-70G MCNIX-MX26LV160ABMC-70G Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV160BXBC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com