Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6C223 Datasheet(PDF) 2 Page - Solid State Optronic

Part # AD6C223
Description  1 Form C Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C223 Datasheet(HTML) 2 Page - Solid State Optronic

  AD6C223 Datasheet HTML 1Page - Solid State Optronic AD6C223 Datasheet HTML 2Page - Solid State Optronic AD6C223 Datasheet HTML 3Page - Solid State Optronic AD6C223 Datasheet HTML 4Page - Solid State Optronic AD6C223 Datasheet HTML 5Page - Solid State Optronic AD6C223 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AD6C223
1 Form C
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 5mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current (Form A)
m
2
5
Io = 150mA
A
Turn-On Current (Form B)
m
0.5
A
Turn-Off Current (Form A)
m
0.5
A
Turn-Off Current (Form B)
m
2
5
Io = 150mA
A
OUTPUT SPECIFICATIONS
(NORMALLY OPEN)
Blocking Voltage
V
400
Io = 1uA
Continuous Load Current
m
150
If = 5mA
A
On-Resistance
17
25
Io = 150mA
Leakage Current
µ
0.2
1
Vo = 400V
A
Output Capacitance
p
25
50
Vo = 25V, f = 1.0MHz
F
Offset Voltage
m
0.2
If = 5mA
V
Turn-On Time
m
0.5
5
If = 5mA, Io = 150mA
s
Turn-Off Time
m
0.05
5
If = 0mA, Io = 150mA
s
OUTPUT SPECIFICATIONS
(NORMALLY CLOSED)
Blocking Voltage
V
400
Io = 1uA
Continuous Load Current
m
150
If = 0mA
A
On-Resistance
22
25
Io = 150mA
Leakage Current
µ
0.2
1
Vo = 400V
A
Output Capacitance
p
15
20
Vo = 25V, f = 1.0MHz
F
Offset Voltage
m
0.2
V
Turn-On Time
m
0.5
5
If = 0mA, Io = 150mA
s
Turn-Off Time
m
0.5
5
If = 5mA, Io = 150mA
s
COUPLED SPECIFICATIONS
Isolation Voltage
V
2500
T = 1 minute
-H Suffix
V
3750
T = 1 minute
Isolation Resistance
G
100
Coupled Capacitance
p
2
F
Contact Transient Ratio
V
2000
7000
dV = 50V
/
µ s
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 6
AD6C223
rev 1.40 (10/25/2004)


Similar Part No. - AD6C223

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223_15 Datasheet
392Kb / 9P
   True 1 Form C Device
More results

Similar Description - AD6C223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1512BAC VISHAY-LH1512BAC_11 Datasheet
151Kb / 8P
   Dual 1 Form A/B, C Solid State Relay
Rev. 1.6, 07-Jul-11
LH1512BA VISHAY-LH1512BA Datasheet
233Kb / 10P
   Dual 1 Form A/B, C Solid-State Relay
Rev. 1.8, 13-Oct-2020
LH1502BA VISHAY-LH1502BA Datasheet
215Kb / 7P
   Dual 1 Form A/B, C Solid-State Relay
Rev. 1.7, 13-Oct-2020
LH1502BAC VISHAY-LH1502BAC_V01 Datasheet
214Kb / 7P
   Dual 1 Form A/B, C Solid-State Relay
01-Jan-2022
LH1512BAC VISHAY-LH1512BAC_V01 Datasheet
232Kb / 10P
   Dual 1 Form A/B, C Solid-State Relay
01-Jan-2022
LH1512BAC VISHAY-LH1512BAC_05 Datasheet
171Kb / 9P
   Dual 1 Form A/B, C Solid State Relay
Rev. 1.3, 01-Dec-05
LH1502BAC VISHAY-LH1502BAC Datasheet
245Kb / 6P
   Dual 1 Form A/B, C Solid State Relay
Rev. 1.2, 01-Dec-05
LH1502BB VISHAY-LH1502BB_V01 Datasheet
215Kb / 7P
   Dual 1 Form A/B, C Solid-State Relay
01-Jan-2023
LH1512BAC VISHAY-LH1512BAC_V02 Datasheet
233Kb / 10P
   Dual 1 Form A/B, C Solid-State Relay
01-Jan-2023
LH1502BAC VISHAY-LH1502BAC_11 Datasheet
130Kb / 5P
   Dual 1 Form A/B, C Solid State Relay
Rev. 1.5, 07-Jul-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com