Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

552FC622M080BG Datasheet(PDF) 2 Page - Silicon Laboratories

Part # 552FC622M080BG
Description  DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

552FC622M080BG Datasheet(HTML) 2 Page - Silicon Laboratories

  552FC622M080BG Datasheet HTML 1Page - Silicon Laboratories 552FC622M080BG Datasheet HTML 2Page - Silicon Laboratories 552FC622M080BG Datasheet HTML 3Page - Silicon Laboratories 552FC622M080BG Datasheet HTML 4Page - Silicon Laboratories 552FC622M080BG Datasheet HTML 5Page - Silicon Laboratories 552FC622M080BG Datasheet HTML 6Page - Silicon Laboratories 552FC622M080BG Datasheet HTML 7Page - Silicon Laboratories 552FC622M080BG Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si552
2
Preliminary Rev. 0.2
1. Electrical Specifications
Table 1. Si552 Electrical Specifications
Parameter
Min
Typ
Max
Units
Notes
Frequency
Nominal Frequency
LVDS/CML/LVPECL
CMOS
10
10
945
160
MHz
Specified at time of order by P/N.
Also available in bands from
970 to 1134 MHz and 1213 to
1417 MHz.
Initial Accuracy
–1.5
1.5
ppm
Measured at +25 °C at time of ship-
ping and at VC = VDD/2.
Temperature Stability
–20
–50
–100
+20
+50
+100
ppm
Selectable option by P/N. See
Section 4. "Ordering Information" on
page 7. Measured at VC =VDD/2.
Linearity
BSL
Incremental
–5
–10
±1
±5
+5
+10
%
BSL determined from deviation from
best straight line fit with VC ranging
from 10 to 90% of VDD. Incremental
slope determined with VC ranging
from 10 to 90% of VDD.
Tuning Slope (kV) from 10 to
90% of VDD
180
90
45
ppm/V
Positive slope; selectable option by
P/N. See Section 4. "Ordering Infor-
mation" on page 7.
Modulation Bandwidth
10
kHz
VC Input Impedance
500
k
Absolute Pull Range (APR)
See Notes
See Section 4. "Ordering Information"
on page 7.
Aging
±10
ppm
Projected frequency drift over 15 year
life.
Outputs
Symmetry
45
55
%
LVPECL:
VDD – 1.3 V (differential)
LVDS:
1.25 V (differential)
CMOS:
VDD/2
RMS Jitter for FOUT > 500 MHz
Kv = 180 ppm/V
12 kHz to 20 MHz
50 kHz to 80 MHz
Kv = 45, 90 ppm/V
12 kHz to 20 MHz
50 kHz to 80 MHz
0.42
0.34
0.28
0.31
ps
FOUT > 500 MHz
Differential Modes:
LVPECL/LVDS/CML


Similar Part No. - 552FC622M080BG

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
552 OSCILENT-552 Datasheet
133Kb / 2P
   PECL Output
logo
Vishay Siliconix
552 VISHAY-552 Datasheet
309Kb / 4P
   (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
logo
Dialight Corporation
552-0211 DIALIGHT-552-0211 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
552-0222 DIALIGHT-552-0222 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
552-0233 DIALIGHT-552-0233 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 552FC622M080BG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com