Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26LV160ATXBC-70 Datasheet(PDF) 7 Page - Macronix International

Part # MX26LV160ATXBC-70
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV160ATXBC-70 Datasheet(HTML) 7 Page - Macronix International

Back Button MX26LV160ATXBC-70 Datasheet HTML 3Page - Macronix International MX26LV160ATXBC-70 Datasheet HTML 4Page - Macronix International MX26LV160ATXBC-70 Datasheet HTML 5Page - Macronix International MX26LV160ATXBC-70 Datasheet HTML 6Page - Macronix International MX26LV160ATXBC-70 Datasheet HTML 7Page - Macronix International MX26LV160ATXBC-70 Datasheet HTML 8Page - Macronix International MX26LV160ATXBC-70 Datasheet HTML 9Page - Macronix International MX26LV160ATXBC-70 Datasheet HTML 10Page - Macronix International MX26LV160ATXBC-70 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
7
P/N:PM1123
MX26LV160AT/AB
REV. 1.1, NOV. 18, 2004
A19 A11
A9
A8
A6
A5 A1 A0
Description
Mode CE# OE# WE#
|
|
|
|
Q15~Q0
A12 A10
A7
A2
Manufacturer Code
L
L
H
X
X
VID
X
L
X
L
L
C2H
Read
Device ID
Word
L
L
H
X
X
VID
X
L
X
L
H
22C4H
Silicon (Top Boot Block)
Byte
L
L
H
X
X
VID
X
L
X
L
H
XXC4H
ID
Device ID
Word
L
L
H
X
X
VID
X
L
X
L
H
2249H
(Bottom Boot Block)
Byte
L
L
H
X
X
VID
X
L
X
L
H
XX49H
XX01H
Sector Protection Verification
L
L
H
SA
X
VID
X
L
X
H
L
(protected)
XX00H
(unprotected)
TABLE 3. MX26LV160AT/AB AUTO SELECT MODE OPERATION
NOTE:SA=Sector Address, X=Don't Care, L=Logic Low, H=Logic High


Similar Part No. - MX26LV160ATXBC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160BMC-55 MCNIX-MX26LV160BMC-55 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160BMC-55G MCNIX-MX26LV160BMC-55G Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160BMC-70 MCNIX-MX26LV160BMC-70 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160BMC-70G MCNIX-MX26LV160BMC-70G Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV160ATXBC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com