Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

534HB622M080BG Datasheet(PDF) 5 Page - Silicon Laboratories

Part # 534HB622M080BG
Description  VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

534HB622M080BG Datasheet(HTML) 5 Page - Silicon Laboratories

  534HB622M080BG Datasheet HTML 1Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 2Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 3Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 4Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 5Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 6Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 7Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 8Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Si550
Preliminary Rev. 0.3
5
Table 6. CLK± Output Period Jitter
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Period Jitter*
for FOUT < 160 MHz
JPER
RMS
2
ps
Peak-to-Peak
14
*Note: Any output mode, including CMOS, LVPECL, LVDS, CML. N = 1000 cycles.
Table 7. CLK± Output Phase Noise (Typical)
Configuration
fC
KV
Output
74.25 MHz
45 ppm/V
CMOS
300 MHz
90 ppm/V
LVPECL
622.08 MHz
45 ppm/V
LVPECL
Units
Offest Frequency (f)
100 Hz
1kHz
10 kHz
100 kHz
1MHz
10 MHz
100 MHz
L (f)
dBc/Hz
–94
–117
–128
–135
–138
–143
n/a
–74
–98
–112
–122
–134
–144
–147
–77
–101
–114
–118
–128
–144
–147


Similar Part No. - 534HB622M080BG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
534HB622080BG SILABS-534HB622080BG Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
534HB622080BGR SILABS-534HB622080BGR Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
More results

Similar Description - 534HB622M080BG

ManufacturerPart #DatasheetDescription
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
SI595 SKYWORKS-SI595 Datasheet
521Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI596 SKYWORKS-SI596 Datasheet
527Kb / 16P
   DUAL-FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
SI597 SKYWORKS-SI597 Datasheet
514Kb / 13P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
logo
Silicon Laboratories
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com