Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26LV400TXEC-55 Datasheet(PDF) 1 Page - Macronix International

Part # MX26LV400TXEC-55
Description  4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV400TXEC-55 Datasheet(HTML) 1 Page - Macronix International

  MX26LV400TXEC-55 Datasheet HTML 1Page - Macronix International MX26LV400TXEC-55 Datasheet HTML 2Page - Macronix International MX26LV400TXEC-55 Datasheet HTML 3Page - Macronix International MX26LV400TXEC-55 Datasheet HTML 4Page - Macronix International MX26LV400TXEC-55 Datasheet HTML 5Page - Macronix International MX26LV400TXEC-55 Datasheet HTML 6Page - Macronix International MX26LV400TXEC-55 Datasheet HTML 7Page - Macronix International MX26LV400TXEC-55 Datasheet HTML 8Page - Macronix International MX26LV400TXEC-55 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1
P/N:PM1094
REV. 1.0, NOV. 08, 2004
MX26LV400
4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE
3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
• Status Reply
- Data# polling & Toggle bit for detection of program
and erase operation completion.
• Ready/Busy# pin (RY/BY#)
- Provides a hardware method of detecting program or
erase operation completion.
• 2,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1V to VCC+1V
• Boot Sector Architecture
- T = Top Boot Sector
- B = Bottom Boot Sector
• Package type:
- 48-pin TSOP
- 48-ball CSP
• Compatibility with JEDEC standard
- Pinout and software compatible with single-power
supply Flash
• 20 years data retention
FEATURES
• Extended single - supply voltage range 3.0V to 3.6V
• 524,288 x 8/262,144 x 16 switchable
• Single power supply operation
- 3.0V only operation for read, erase and program
operation
• Fast access time: 55/70ns
• Low power consumption
- 30mA maximum active current
- 30uA typical standby current
• Command register architecture
- Byte/word Programming (typical)
- Sector Erase (Sector structure 16K-Bytex1,
8K-Bytex2, 32K-Bytex1, and 64K-Byte x7)
• Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors with
Erase verify capability.
- Automatically program and verify data at specified
address
GENERAL DESCRIPTION
The MX26LV400 is a 4-mega bit high speed Flash memory
organized as 512K bytes of 8 bits or 256K words of 16
bits. MXIC's high speed Flash memories offer the most
cost-effective and reliable read/write non-volatile random
access memory. The MX26LV400 is packaged in 48-pin
TSOP, and 48-ball CSP. It is designed to be repro-
grammed and erased in system or in standard EPROM
programmers.
The standard MX26LV400 offers access time as fast as
55ns, allowing operation of high-speed microprocessors
without wait states. To eliminate bus contention, the
MX26LV400 has separate chip enable (CE#) and output
enable (OE#) controls.
MXIC's high speed Flash memories augment EPROM
functionality with in-circuit electrical erasure and program-
ming. The MX26LV400 uses a command register to
manage this functionality. The command register allows
for 100% TTL level control inputs and fixed power sup-
ply levels during erase and programming, while main-
taining maximum EPROM compatibility.
MXIC high speed Flash technology reliably stores
memory contents even after 2,000 erase and program
cycles. The MXIC cell is designed to optimize the erase
and programming mechanisms. In addition, the combi-
nation of advanced tunnel oxide processing and low in-
ternal electric fields for erase and program operations
produces reliable cycling. The MX26LV400 uses a
3.0V~3.6V VCC supply to perform the High Reliability
Erase and auto Program/Erase algorithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up pro-
tection is proved for stresses up to 100 milliamperes on
address and data pin from -1V to VCC + 1V.
Macronix NBitTM Memory Family


Similar Part No. - MX26LV400TXEC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV004B MCNIX-MX26LV004B Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004BQC-55 MCNIX-MX26LV004BQC-55 Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004BQC-55G MCNIX-MX26LV004BQC-55G Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004BQC-70 MCNIX-MX26LV004BQC-70 Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004BQC-70G MCNIX-MX26LV004BQC-70G Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV400TXEC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F400CT MCNIX-MX29F400CT Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004T MCNIX-MX26LV004T Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV008T MCNIX-MX26LV008T Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com