Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

534GB622M080BG Datasheet(PDF) 8 Page - Silicon Laboratories

Part # 534GB622M080BG
Description  VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

534GB622M080BG Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button 534GB622M080BG Datasheet HTML 4Page - Silicon Laboratories 534GB622M080BG Datasheet HTML 5Page - Silicon Laboratories 534GB622M080BG Datasheet HTML 6Page - Silicon Laboratories 534GB622M080BG Datasheet HTML 7Page - Silicon Laboratories 534GB622M080BG Datasheet HTML 8Page - Silicon Laboratories 534GB622M080BG Datasheet HTML 9Page - Silicon Laboratories 534GB622M080BG Datasheet HTML 10Page - Silicon Laboratories 534GB622M080BG Datasheet HTML 11Page - Silicon Laboratories 534GB622M080BG Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Si550
8
Preliminary Rev. 0.3
3. Ordering Information
The Si550 was designed to support a variety of options including frequency, temperature stability, tuning slope,
output format, and VDD.
Specific device configurations are programmed into the Si550 at time of shipment.
Configurations are specified using the Part Number Configuration chart shown below. Silicon Labs provides a web
browser-based part number configuration utility to simplify this process. Refer to www.silabs.com/
VCXOPartNumber to access this tool and for further ordering instructions. The Si550 VCXO series is supplied in
an industry-standard, RoHS compliant, lead-free, 6-pad, 5 x 7 mm package. Tape and reel packaging is an
ordering option.
Example Part Number: 550AF622M080BGR is a 5 x 7 mm VCXO in a 6 pad package. The nominal frequency is 622.080 MHz, with
a 3.3 V supply and LVPECL output. Temperature stability is specified as ±50 ppm and the tuning slope is 135 ppm/V. The part is
specified for a –40 to +85 C° ambient temperature range operation and is shipped in tape and reel format.
DD
R = Tape & Reel
Blank = Trays
Operating Temp Range (°C)
G
–40 to +85 °C
Device Revision Letter
2nd Option Code
Temperature
Tuning Slope
Minimum APR
Stability
Kv
(±ppm)
Code
± ppm (max)
ppm/V (typ)
@ 3.3 V
@ 2.5 V
@ 1.8 V
A
100
180
100
75
25
B
100
90
30
Note 6
Note 6
C
50
180
150
125
75
D50
90
80
30
25
E
20
45
25
Note 6
Note 6
F
50
135
100
75
50
Notes:
1. For best jitter and phase noise performance, always choose the smallest Kv that
meets the application’s minimum APR requirements. Unlike SAW-based solutions
which require higher higher Kv values to account for their higher temperature
dependence, the Si55x series provides lower Kv options to minimize noise coupling
and jitter in real-world PLL designs. See AN255 and AN266 for more information.
2. APR is the ability of a VCXO to track a signal over the product lifetime. A VCXO with
an APR of ±25 ppm is able to lock to a clock with a ±25 ppm stability, over 15 years.
3. Nominal Pull range (±) = 0.5 x VDD x tuning slope.
4. Nominal Absolute Pull Range (±APR) = Pull range – stability – lifetime aging
=0.5 x VDD x tuning slope – stability – 10 ppm
5. Minimum APR values noted above include worst case values for all parameters.
6. Combination not available.
550 VCXO
Product Family
1st Option Code
Code
VDD
Output Format
A3.3
LVPECL
B3.3
LVDS
C3.3
CMOS
D3.3
CML
E2.5
LVPECL
F2.5
LVDS
G2.5
CMOS
H2.5
CML
J1.8
CMOS
K1.8
CML
Notes:
CMOS available to 160 MHz.
Frequency (e.g. 622M080 is 622.080 MHz)
Available frequency range is 10 to 945 MHz, 970 to 1134, and 1213
to 1417 MHz. The position of “M” shifts to denote higher or lower
frequencies.
550
X
X
XXXMXXX
B
G
R


Similar Part No. - 534GB622M080BG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
534GB622080BG SILABS-534GB622080BG Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
534GB622080BGR SILABS-534GB622080BGR Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
More results

Similar Description - 534GB622M080BG

ManufacturerPart #DatasheetDescription
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
SI595 SKYWORKS-SI595 Datasheet
521Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI596 SKYWORKS-SI596 Datasheet
527Kb / 16P
   DUAL-FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
SI597 SKYWORKS-SI597 Datasheet
514Kb / 13P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
logo
Silicon Laboratories
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com