Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26LV160BXBC-55 Datasheet(PDF) 10 Page - Macronix International

Part # MX26LV160BXBC-55
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV160BXBC-55 Datasheet(HTML) 10 Page - Macronix International

Back Button MX26LV160BXBC-55 Datasheet HTML 6Page - Macronix International MX26LV160BXBC-55 Datasheet HTML 7Page - Macronix International MX26LV160BXBC-55 Datasheet HTML 8Page - Macronix International MX26LV160BXBC-55 Datasheet HTML 9Page - Macronix International MX26LV160BXBC-55 Datasheet HTML 10Page - Macronix International MX26LV160BXBC-55 Datasheet HTML 11Page - Macronix International MX26LV160BXBC-55 Datasheet HTML 12Page - Macronix International MX26LV160BXBC-55 Datasheet HTML 13Page - Macronix International MX26LV160BXBC-55 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
P/N:PM1090
MX26LV160
REV. 1.0, NOV. 08, 2004
REQUIREMENTS FOR READING ARRAY
DATA
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output control
and gates array data to the output pins. WE# should re-
main at VIH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory con-
tent occurs during the power transition. No command is
necessary in this mode to obtain array data. Standard
microprocessor read cycles that assert valid address on
the device address inputs produce valid data on the de-
vice data outputs. The device remains enabled for read
access until the command register contents are altered.
WRITE COMMANDS/COMMAND SEQUENCES
To program data to the device or erase sectors of memory
, the system must drive WE# and CE# to VIL, and OE#
to VIH.
The "word/byte Program Command Sequence" section
has details on programming data to the device.
An erase operation can erase one sector, multiple sec-
tors , or the entire device. Table indicates the address
space that each sector occupies. A "sector address"
consists of the address bits required to uniquely select a
sector.The Writing specific address and data commands
or sequences into the command register initiates device
operations. Table 1 defines the valid register command
sequences. Writing incorrect address and data values or
writing them in the improper sequence resets the device
to reading array data. Section has details on erasing a
sector or the entire chip.
After the system writes the autoselect command se-
quence, the device enters the autoselect mode. The sys-
tem can then read autoselect codes from the internal
register (which is separate from the memory array) on
Q7-Q0. Standard read cycle timings apply in this mode.
Refer to the Autoselect Mode and Autoselect Command
Sequence section for more information.
ICC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The "AC
Characteristics" section contains timing specification
table and timing diagrams for write operations.
STANDBY MODE
When using both pins of CE# and RESET#, the device
enter CMOS Standby with both pins held at Vcc ± 0.3V.
If CE# and RESET# are held at VIH, but not within the
range of VCC ± 0.3V, the device will still be in the standby
mode, but the standby current will be larger. During Auto
Algorithm operation, Vcc active current (Icc2) is required
even CE# = "H" until the operation is completed. The
device can be read with standard access time (tCE) from
either of these standby modes, before it is ready to read
data.
OUTPUT DISABLE
With the OE# input at a logic high level (VIH), output
from the devices are disabled. This will cause the output
pins to be in a high impedance state.
RESET# OPERATION
The RESET# pin provides a hardware method of reset-
ting the device to reading array data. When the RESET#
pin is driven low for at least a period of tRP, the device
immediately terminates any operation in progress, tri-
states all output pins, and ignores all read/write com-
mands for the duration of the RESET# pulse. The de-
vice also resets the internal state machine to reading
array data. The operation that was interrupted should be
reinitiated once the device is ready to accept another
command sequence, to ensure data integrity.
Current is reduced for the duration of the RESET# pulse.
When RESET# is held at VSS±0.3V, the device draws
CMOS standby current (ICC4). If RESET# is held at VIL
but not within VSS±0.3V, the standby current will be
greater.
The RESET# pin may be tied to system reset circuitry.
A system reset would that also reset the high speed
Flash, enabling the system to read the boot-up firmware
from the high speed Flash.
If RESET# is asserted during a program or erase opera-
tion, the RY/BY# pin remains a "0" (busy) until the inter-


Similar Part No. - MX26LV160BXBC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV160AB MCNIX-MX26LV160AB Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160ABMC-55 MCNIX-MX26LV160ABMC-55 Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160ABMC-55G MCNIX-MX26LV160ABMC-55G Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160ABMC-70 MCNIX-MX26LV160ABMC-70 Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160ABMC-70G MCNIX-MX26LV160ABMC-70G Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV160BXBC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com