Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26LV160ABTC-70 Datasheet(PDF) 2 Page - Macronix International

Part # MX26LV160ABTC-70
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV160ABTC-70 Datasheet(HTML) 2 Page - Macronix International

  MX26LV160ABTC-70 Datasheet HTML 1Page - Macronix International MX26LV160ABTC-70 Datasheet HTML 2Page - Macronix International MX26LV160ABTC-70 Datasheet HTML 3Page - Macronix International MX26LV160ABTC-70 Datasheet HTML 4Page - Macronix International MX26LV160ABTC-70 Datasheet HTML 5Page - Macronix International MX26LV160ABTC-70 Datasheet HTML 6Page - Macronix International MX26LV160ABTC-70 Datasheet HTML 7Page - Macronix International MX26LV160ABTC-70 Datasheet HTML 8Page - Macronix International MX26LV160ABTC-70 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
2
P/N:PM1123
MX26LV160AT/AB
REV. 1.1, NOV. 18, 2004
PIN CONFIGURATIONS
PIN DESCRIPTION
SYMBOL PIN NAME
A0~A19
Address Input
Q0~Q14
Data Input/Output
Q15/A-1
Q15(Word mode)/LSB addr(Byte mode)
CE#
Chip Enable Input
WE#
Write Enable Input
BYTE#
Word/Byte Selection input
RESET#
Hardware Reset Pin
OE#
Output Enable Input
RY/BY#
Ready/Busy Output
VCC
Power Supply Pin (3.0V~3.6V)
GND
Ground Pin
44 SOP
48-Ball CSP Ball Pitch = 0.8 mm, Top View, Balls Facing Down
AB
C
D
E
F
G
H
6
A13
A12
A14
A15
A16
BYTE# Q15/A-1
GND
5
A9
A8
A10
A11
Q7
Q14
Q13
Q6
4
WE#
RESET#
NC
A19
Q5
Q12
Vcc
Q4
3
RY/BY#
NC
A18
NC
Q2
Q10
Q11
Q3
2
A7
A17
A6
A5
Q0
Q8
Q9
Q1
1
A3A4A2
A1A0
CE#
OE#
GND
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
WE#
RESET#
NC
NC
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
BYTE#
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE#
GND
CE#
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX26LV160AT/AB
48 TSOP (Standard Type) (12mm x 20mm)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
RESET#
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE#
GND
OE#
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
WE#
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE#
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC


Similar Part No. - MX26LV160ABTC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160BMC-55 MCNIX-MX26LV160BMC-55 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160BMC-55G MCNIX-MX26LV160BMC-55G Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160BMC-70 MCNIX-MX26LV160BMC-70 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160BMC-70G MCNIX-MX26LV160BMC-70G Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV160ABTC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com