Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26LV004BTC-55G Datasheet(PDF) 11 Page - Macronix International

Part # MX26LV004BTC-55G
Description  4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV004BTC-55G Datasheet(HTML) 11 Page - Macronix International

Back Button MX26LV004BTC-55G Datasheet HTML 7Page - Macronix International MX26LV004BTC-55G Datasheet HTML 8Page - Macronix International MX26LV004BTC-55G Datasheet HTML 9Page - Macronix International MX26LV004BTC-55G Datasheet HTML 10Page - Macronix International MX26LV004BTC-55G Datasheet HTML 11Page - Macronix International MX26LV004BTC-55G Datasheet HTML 12Page - Macronix International MX26LV004BTC-55G Datasheet HTML 13Page - Macronix International MX26LV004BTC-55G Datasheet HTML 14Page - Macronix International MX26LV004BTC-55G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11
P/N:PM1099
MX26LV004T/B
REV. 1.0, NOV. 08, 2004
READING ARRAY DATA
The device is automatically set to reading array data
after device power-up. No commands are required to re-
trieve data. The device is also ready to read array data
after completing an Automatic Program or Automatic
Erase algorithm.
After the device accepts an Erase Suspend command,
the device enters the Erase Suspend mode. The sys-
tem can read array data using the standard read tim-
ings, except that if it reads at an address within erase-
suspended sectors, the device outputs status data. Af-
ter completing a programming operation in the Erase
Suspend mode, the system may once again read array
data with the same exception. See erase Suspend/Erase
Resume Commands” for more infor-mation on this mode.
The system must issue the reset command to re-en-
able the device for reading array data if Q5 goes high, or
while in the autoselect mode. See the "Reset Command"
section, next.
RESET COMMAND
Writing the reset command to the device resets the de-
vice to reading array data. Address bits are don't care for
this command.
The reset command may be written between the se-
quence cycles in an erase command sequence before
erasing begins. This resets the device to reading array
data. Once erasure begins, however, the device ignores
reset commands until the operation is complete.
The reset command may be written between the se-
quence cycles in a program command sequence be-fore
programming begins. This resets the device to reading
array data (also applies to programming in Erase Sus-
pend mode). Once programming begins, however, the
device ignores reset commands until the operation is
complete.
The reset command may be written between the se-
quence cycles in an SILICON ID READ command se-
quence. Once in the SILICON ID READ mode, the reset
command must be written to return to reading array data
(also applies to SILICON ID READ during Erase Sus-
pend).
If Q5 goes high during a program or erase operation, writ-
ing the reset command returns the device to read-ing
array data (also applies during Erase Suspend).
Pins
A0
A1
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Code(Hex)
Manufacture code
VIL
VIL
1
1
0
0001
0
C2H
Device code
VIH
VIL
1
0
1
1010
1
B5H
for MX26LV004T
Device code
VIH
VIL
1
0
1
1011
0
B6H
for MX26LV004B
TABLE 6. SILICON ID CODE


Similar Part No. - MX26LV004BTC-55G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV008B MCNIX-MX26LV008B Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV008BTC-55 MCNIX-MX26LV008BTC-55 Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV008BTC-70 MCNIX-MX26LV008BTC-70 Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV008T MCNIX-MX26LV008T Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV008TTC-55 MCNIX-MX26LV008TTC-55 Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV004BTC-55G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV008T MCNIX-MX26LV008T Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800T MCNIX-MX26LV800T Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com