Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MX26LV160 Datasheet(PDF) 1 Page - Macronix International

Part No. MX26LV160
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

 
 1 page
background image
1
P/N:PM1090
REV. 1.0, NOV. 08, 2004
MX26LV160
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE
3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
• Status Reply
- Data# polling & Toggle bit for detection of program
and erase operation completion.
• Ready/Busy# pin (RY/BY#)
- Provides a hardware method of detecting program or
erase operation completion.
• 2,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1V to VCC+1V
• Boot Sector Architecture
- T = Top Boot Sector
- B = Bottom Boot Sector
• Package type:
- 44-pin SOP
- 48-pin TSOP
- 48-ball CSP
• Compatibility with JEDEC standard
- Pinout and software compatible with single-power
supply Flash
• 20 years data retention
FEATURES
• Extended single - supply voltage range 3.0V to 3.6V
• 2,097,152 x 8 / 1,048,576 x 16 switchable
• Single power supply operation
- 3.0V only operation for read, erase and program
operation
• Fast access time: 55/70ns
• Low power consumption
- 30mA maximum active current
- 30uA typical standby current
• Command register architecture
- Byte/word Programming (55us/70us typical)
- Sector Erase (Sector structure 16K-Bytex1,
8K-Bytex2, 32K-Bytex1, and 64K-Byte x31)
• Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors with
Erase verify capability.
- Automatically program and verify data at specified
address
GENERAL DESCRIPTION
The MX26LV160 is a 16-mega bit high speed Flash
memory organized as 2M bytes of 8 bits or 1M words of
16 bits. MXIC's high speed Flash memories offer the
most cost-effective and reliable read/write non-volatile
random access memory. The MX26LV160 is packaged
in 44-pin SOP, 48-pin TSOP, and 48-ball CSP. It is de-
signed to be reprogrammed and erased in system or in
standard EPROM programmers.
The standard MX26LV160 offers access time as fast as
55ns, allowing operation of high-speed microprocessors
without wait states. To eliminate bus contention, the
MX26LV160 has separate chip enable (CE#) and output
enable (OE#) controls.
MXIC's high speed Flash memories augment EPROM
functionality with in-circuit electrical erasure and program-
ming. The MX26LV160 uses a command register to
manage this functionality. The command register allows
for 100% TTL level control inputs and fixed power sup-
ply levels during erase and programming, while main-
taining maximum EPROM compatibility.
MXIC high speed Flash technology reliably stores
memory contents even after 2,000 erase and program
cycles. The MXIC cell is designed to optimize the erase
and programming mechanisms. In addition, the combi-
nation of advanced tunnel oxide processing and low in-
ternal electric fields for erase and program operations
produces reliable cycling. The MX26LV160 uses a
3.0V~3.6V VCC supply to perform the High Reliability
Erase and auto Program/Erase algorithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up pro-
tection is proved for stresses up to 100 milliamperes on
address and data pin from -1V to VCC + 1V.
Macronix NBitTM Memory Family




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MX26LV160AT16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV4004M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV004T4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV008T8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV0404M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV800AT8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV800T8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX29F400CT4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX28F160C3T16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV017B16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl