Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26LV008T Datasheet(PDF) 11 Page - Macronix International

Part # MX26LV008T
Description  8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV008T Datasheet(HTML) 11 Page - Macronix International

Back Button MX26LV008T Datasheet HTML 7Page - Macronix International MX26LV008T Datasheet HTML 8Page - Macronix International MX26LV008T Datasheet HTML 9Page - Macronix International MX26LV008T Datasheet HTML 10Page - Macronix International MX26LV008T Datasheet HTML 11Page - Macronix International MX26LV008T Datasheet HTML 12Page - Macronix International MX26LV008T Datasheet HTML 13Page - Macronix International MX26LV008T Datasheet HTML 14Page - Macronix International MX26LV008T Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11
P/N:PM1057
MX26LV008T/B
REV. 1.0, NOV. 08, 2004
READ/RESET COMMAND
The read or reset operation is initiated by writing the
read/reset command sequence into the command reg-
ister. Microprocessor read cycles retrieve array data.
The device remains enabled for reads until the command
register contents are altered.
If program-fail or erase-fail happen, the write of F0H will
reset the device to abort the operation. A valid com-
mand must then be written to place the device in the
desired state.
SILICON-ID READ COMMAND
Flash memories are intended for use in applications where
the local CPU alters memory contents. As such, manu-
facturer and device codes must be accessible while the
device resides in the target system. PROM program-
mers typically access signature codes by raising A9 to
a high voltage (VID). However, multiplexing high volt-
age onto address lines is not generally desired system
design practice.
The MX26LV008T/B contains a Silicon-ID-Read opera-
tion to supple traditional PROM programming methodol-
ogy. The operation is initiated by writing the read silicon
ID command sequence into the command register. Fol-
lowing the command write, a read cycle with A1=VIL,
A0=VIL retrieves the manufacturer code of C2H. A read
cycle with A1=VIL, A0=VIH returns the device code of
3EH for MX26LV008T, 37H for MX26LV008B.
SET-UP AUTOMATIC CHIP/SECTOR ERASE
COMMANDS
Chip erase is a six-bus cycle operation. There are two
"unlock" write cycles. These are followed by writing the
"set-up" command 80H. Two more "unlock" write cycles
are then followed by the chip erase command 10H or
sector erase command 30H.
The Automatic Chip Erase does not require the device
to be entirely pre-programmed prior to executing the Au-
tomatic Chip Erase. Upon executing the Automatic Chip
Erase, the device will automatically program and verify
the entire memory for an all-zero data pattern. When the
device is automatically verified to contain an all-zero
pattern, a self-timed chip erase and verify begin. The
erase and verify operations are completed when the data
on Q7 is "1" at which time the device returns to the
Read mode. The system is not required to provide any
control or timing during these operations.
When using the Automatic Chip Erase algorithm, note
that the erase automatically terminates when adequate
erase margin has been achieved for the memory array
(no erase verification command is required).
If the Erase operation was unsuccessful, the data on
Q5 is "1"(see Table 7), indicating the erase operation
exceed internal timing limit.
The automatic erase begins on the rising edge of the
last WE# or CE# pulse, whichever happens first in the
command sequence and terminates when the data on
Q7 is "1" and the data on Q6 stops toggling for two con-
secutive read cycles, at which time the device returns
to the Read mode.
time of tREADY (during Embedded Algorithms). The
system can thus monitor RY/BY# to determine whether
the reset operation is complete. If RESET# is asserted
when a program or erase operation is completed within a
time of tREADY (not during Embedded Algorithms). The
system can read data tRH after the RESET# pin returns
to VIH.
Refer to the AC Characteristics tables for RESET#
parameters and to Figure 14 for the timing diagram.


Similar Part No. - MX26LV008T

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV004B MCNIX-MX26LV004B Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004BQC-55 MCNIX-MX26LV004BQC-55 Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004BQC-55G MCNIX-MX26LV004BQC-55G Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004BQC-70 MCNIX-MX26LV004BQC-70 Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004BQC-70G MCNIX-MX26LV004BQC-70G Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV008T

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV008T MCNIX-MX29LV008T Datasheet
471Kb / 52P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004T MCNIX-MX26LV004T Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800T MCNIX-MX26LV800T Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29LV081B MCNIX-MX29LV081B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV065B ETC1-MX29LV065B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV081 MCNIX-MX29LV081 Datasheet
466Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com