Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26F640J3TC-10 Datasheet(PDF) 6 Page - Macronix International

Part # MX26F640J3TC-10
Description  64M [x8/x16] SINGLE 3V PAGE MODE eLiteFlashTM MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26F640J3TC-10 Datasheet(HTML) 6 Page - Macronix International

Back Button MX26F640J3TC-10 Datasheet HTML 2Page - Macronix International MX26F640J3TC-10 Datasheet HTML 3Page - Macronix International MX26F640J3TC-10 Datasheet HTML 4Page - Macronix International MX26F640J3TC-10 Datasheet HTML 5Page - Macronix International MX26F640J3TC-10 Datasheet HTML 6Page - Macronix International MX26F640J3TC-10 Datasheet HTML 7Page - Macronix International MX26F640J3TC-10 Datasheet HTML 8Page - Macronix International MX26F640J3TC-10 Datasheet HTML 9Page - Macronix International MX26F640J3TC-10 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
P/N:PM1114
REV. 0.00, JUN. 30, 2004
MX26F640J3
R
NOTES:
1. See Table 1 on page 7 for valid CE configurations.
2. OE and WE should never be enabled simultaneously.
3. DQ refers to Q0-Q7 if BYTE is low and Q0-Q15 if BYTE is high.
4. Refer to DC Characteristics. When VPEN < VPENLK , memory contents can be read, but not altered.
5. X can be VIL or VIH for control and address pins, and VPENLK or VPENH for VPEN . See DC Characteristics for
VPENLK and VPENH voltages.
6. In default mode, STS is VOL when the WSM is executing internal block erase, program, or lock-bit configuration
algorithms. It is VOH when the WSM is not busy, or in reset/power-down mode.
7. High Z will be VOH with an external pull-up resistor.
8. See Section , "Read Identifier Codes" for read identifier code data.
9. See Section , "Read Query Mode Command" for read query data.
10.Command writes involving block erase, program, or lock-bit configuration are reliably executed when VPEN=
VPENH and VCC is within specification.
11.Refer to Table 3 on page 10 for valid DIN during a write operation.
Table 2. Bus Operations
Command
Read
Output
Standby RESET Read ID
Read
Read
Read
Write
Sequence
Array
Disable
Mode/
Query
Status
Status
Power
(WSM off) (WSM on)
Down
Mode
Notes
4,5,6
6,10,11
RESET
VIH
VIH
VIH
VIL
VIH
VIH
VIH
VIH
VIH
CE0,CE1,CE2(1) Enabled Enabled Disabled X
Enabled
Enabled Enabled
Enabled
Enabled
OE (2)
VIL
VIH
X
X
VIL
VIL
VIL
VIL
VIH
WE (2)
VIH
VIH
X
X
VIH
VIH
VIH
VIH
VIL
Address
X
X
X
X
See
See
X
X
X
Figure 2
Table 6
VPEN
X
X
X
X
X
X
X
X
VPENH
Q (3)
Data out High Z
High Z
High Z Note 8
Note 9
Data out
Q7=Data out
Data in
Q15-8=High Z
Q6-0=High Z
STS
High Z
X
X
High Z High Z
High Z
X
(default mode)
(7)
(7)
(7)
(7)


Similar Part No. - MX26F640J3TC-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX26F128J3 ETC1-MX26F128J3 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
MX26F128J3TC-12 ETC1-MX26F128J3TC-12 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
MX26F128J3TC-15 ETC1-MX26F128J3TC-15 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
MX26F128J3XCC-12 ETC1-MX26F128J3XCC-12 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
MX26F128J3XCC-15 ETC1-MX26F128J3XCC-15 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
More results

Similar Description - MX26F640J3TC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26L6419 MCNIX-MX26L6419 Datasheet
436Kb / 45P
   64M [x16] SINGLE 3V PAGE MODE MTP MEMORY
logo
List of Unclassifed Man...
MX28F128J3 ETC1-MX28F128J3 Datasheet
35Kb / 6P
   128M [x8/x16] SINGLE 3V PAGE MODE FLASH MEMORY
MX26L12811MC ETC1-MX26L12811MC Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
MX26F128J3 ETC1-MX26F128J3 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
MB84VP23481FK-70 SPANSION-MB84VP23481FK-70 Datasheet
889Kb / 67P
   64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
logo
Numonyx B.V
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
logo
Macronix International
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com