Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26F640J3 Datasheet(PDF) 2 Page - Macronix International

Part # MX26F640J3
Description  64M [x8/x16] SINGLE 3V PAGE MODE eLiteFlashTM MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26F640J3 Datasheet(HTML) 2 Page - Macronix International

  MX26F640J3 Datasheet HTML 1Page - Macronix International MX26F640J3 Datasheet HTML 2Page - Macronix International MX26F640J3 Datasheet HTML 3Page - Macronix International MX26F640J3 Datasheet HTML 4Page - Macronix International MX26F640J3 Datasheet HTML 5Page - Macronix International MX26F640J3 Datasheet HTML 6Page - Macronix International MX26F640J3 Datasheet HTML 7Page - Macronix International MX26F640J3 Datasheet HTML 8Page - Macronix International MX26F640J3 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2
P/N:PM1114
REV. 0.00, JUN. 30, 2004
MX26F640J3
R
GENERAL DESCRIPTION
The MXIC's MX26F640J3 series eLiteFlashTM memory
use the most advance 2 bits/cell Nbit technology, double
the storage capacity of memory cell. The device provide
the high density eLiteFlashTM memory memory solution
with reliable performance and most cost-effective.
The device organized as by 8 bits or by 16 bits of output
bus. The device is packaged in 56-Lead TSOP and 64-
ball CSP. It is designed to be reprogrammed and erased
in system or in standard EPROM programmers.
The device offers fast access time and allowing opera-
tion of high-speed microprocessors without wait states.
To eliminate bus contention, the device has separate chip
enable (CE0, CE1, CE2) and output enable (OE) con-
trols. The device augment EPROM functionality with in-
circuit electrical erasure and programming. The device
uses a command register to manage this functionality.
The MXIC's Nbit technology reliably stores memory con-
tents even after the specific erase and program cycles.
The MXIC cell is designed to optimize the erase and
program mechanisms by utilizing the dielectric's charac-
ter to trap or release charges from ONO layer.
The device uses a 3.0V to 3.6V VCC supply to perform
the High Reliability Erase and auto Program/Erase algo-
rithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up pro-
tection is proved for stresses up to 100 milliamps on
address and data pin from -1V to VCC + 1V.
PIN CONFIGURATION
56 TSOP (14mm x 20mm)
A22
CE1
A21
A20
A19
A18
A17
A16
VCC
A15
A14
A13
A12
CE0
VPEN
RESET
A11
A10
A9
A8
GND
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
NC
WE
OE
STS
Q15
Q7
Q14
Q6
GND
Q13
Q5
Q12
Q4
VCCQ
GND
Q11
Q3
Q10
Q2
VCC
Q9
Q1
Q8
Q0
A0
BYTE
NC
CE2
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29


Similar Part No. - MX26F640J3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX26F128J3 ETC1-MX26F128J3 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
MX26F128J3TC-12 ETC1-MX26F128J3TC-12 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
MX26F128J3TC-15 ETC1-MX26F128J3TC-15 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
MX26F128J3XCC-12 ETC1-MX26F128J3XCC-12 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
MX26F128J3XCC-15 ETC1-MX26F128J3XCC-15 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
More results

Similar Description - MX26F640J3

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26L6419 MCNIX-MX26L6419 Datasheet
436Kb / 45P
   64M [x16] SINGLE 3V PAGE MODE MTP MEMORY
logo
List of Unclassifed Man...
MX28F128J3 ETC1-MX28F128J3 Datasheet
35Kb / 6P
   128M [x8/x16] SINGLE 3V PAGE MODE FLASH MEMORY
MX26L12811MC ETC1-MX26L12811MC Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
MX26F128J3 ETC1-MX26F128J3 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
MB84VP23481FK-70 SPANSION-MB84VP23481FK-70 Datasheet
889Kb / 67P
   64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
logo
Numonyx B.V
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
logo
Macronix International
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com