Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L6402MC-40G Datasheet(PDF) 11 Page - Macronix International

Part # MX25L6402MC-40G
Description  64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L6402MC-40G Datasheet(HTML) 11 Page - Macronix International

Back Button MX25L6402MC-40G Datasheet HTML 7Page - Macronix International MX25L6402MC-40G Datasheet HTML 8Page - Macronix International MX25L6402MC-40G Datasheet HTML 9Page - Macronix International MX25L6402MC-40G Datasheet HTML 10Page - Macronix International MX25L6402MC-40G Datasheet HTML 11Page - Macronix International MX25L6402MC-40G Datasheet HTML 12Page - Macronix International MX25L6402MC-40G Datasheet HTML 13Page - Macronix International MX25L6402MC-40G Datasheet HTML 14Page - Macronix International MX25L6402MC-40G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
P/N: PM0943
REV. 1.0, SEP. 29, 2004
MX25L6402
INPUT TEST WAVEFORMS AND MEASURESMENT LEVEL
OUTPUT LOADING
DEVICE UNDER
TEST
DIODES=IN3064
OR EQUIVALENT
CL
+3.3V
CL=50pF Including jig capacitance
1.5V
0V
Note:Input pulse rise and fall time are < 10ns
AC
Measurement
Level
3.0V


Similar Part No. - MX25L6402MC-40G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6402A MCNIX-MX25L6402A Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402AMC-40 MCNIX-MX25L6402AMC-40 Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402AMC-40G MCNIX-MX25L6402AMC-40G Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402AMI-40 MCNIX-MX25L6402AMI-40 Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402AMI-40G MCNIX-MX25L6402AMI-40G Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
More results

Similar Description - MX25L6402MC-40G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6402A MCNIX-MX25L6402A Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6405 MCNIX-MX25L6405 Datasheet
768Kb / 46P
   64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6408E MCNIX-MX25L6408E Datasheet
925Kb / 49P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6439E MCNIX-MX25L6439E Datasheet
1Mb / 90P
   64M-BIT [x 1 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6473E MCNIX-MX25L6473E Datasheet
1Mb / 86P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6436E MCNIX-MX25L6436E Datasheet
1Mb / 68P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6435E MCNIX-MX25L6435E Datasheet
1Mb / 89P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6445E MCNIX-MX25L6445E Datasheet
2Mb / 72P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com