Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L6402MC-40 Datasheet(PDF) 7 Page - Macronix International

Part # MX25L6402MC-40
Description  64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L6402MC-40 Datasheet(HTML) 7 Page - Macronix International

Back Button MX25L6402MC-40 Datasheet HTML 3Page - Macronix International MX25L6402MC-40 Datasheet HTML 4Page - Macronix International MX25L6402MC-40 Datasheet HTML 5Page - Macronix International MX25L6402MC-40 Datasheet HTML 6Page - Macronix International MX25L6402MC-40 Datasheet HTML 7Page - Macronix International MX25L6402MC-40 Datasheet HTML 8Page - Macronix International MX25L6402MC-40 Datasheet HTML 9Page - Macronix International MX25L6402MC-40 Datasheet HTML 10Page - Macronix International MX25L6402MC-40 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
P/N: PM0943
REV. 1.0, SEP. 29, 2004
MX25L6402
ADDRESS SEQUENCE
The address assignment is described as follows :
BA: Byte address Bit sequence:
X
A6
A5
A4
A3
A2
A1
A0
AD1:First Address Bit sequence:
X
X
A22
A21
A20
A19
A18
A17
AD2:Second Address Bit sequence:
A16
A15
A14
A13
A12
A11
A10
A9
AD3:Thrid Address Bit sequence:
X
X
X
X
X
X
A8
A7
DATA SEQUENCE
Output data is serially sent out through SO pin, synchronized with the rising edge of SCLK, whereas input data is serially
read in through SI pin, synchronized with the rising edge of SCLK. The bit sequence for both input and output data is bit
7 (MSB) first, then bit 6, bit 5, ...., and bit 0.(LSB)
RESET OPERATION
The RESET pin provides a hardware method of resetting the device to reading array data. When the RESET pin is driven
low for at least a period of tRP, the device immediately terminates any operation in progress, tri-states all output pins, and
ignores all commands for the duration of the RESET pulse. The device also resets the internal state machine to reading
array data. The operation that was interrupted should be reinitiated once the device is ready to accept another command
sequence, to ensure data integrity. Current is reduced for the duration of the RESET pulse. When RESET is held at VSS
+ 0.3V, the device draws reset current (ICC4). If RESET is held at VIL but not within VSS + 0.3V, the reset current will
be greater. The RESET pin may be tied to system reset circuitry. A system reset would that also reset the SPI memory.
Refer to the AC Characteristics tables for RESET parameters.


Similar Part No. - MX25L6402MC-40

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6402A MCNIX-MX25L6402A Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402AMC-40 MCNIX-MX25L6402AMC-40 Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402AMC-40G MCNIX-MX25L6402AMC-40G Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402AMI-40 MCNIX-MX25L6402AMI-40 Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402AMI-40G MCNIX-MX25L6402AMI-40G Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
More results

Similar Description - MX25L6402MC-40

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6402A MCNIX-MX25L6402A Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6405 MCNIX-MX25L6405 Datasheet
768Kb / 46P
   64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6408E MCNIX-MX25L6408E Datasheet
925Kb / 49P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6439E MCNIX-MX25L6439E Datasheet
1Mb / 90P
   64M-BIT [x 1 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6473E MCNIX-MX25L6473E Datasheet
1Mb / 86P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6436E MCNIX-MX25L6436E Datasheet
1Mb / 68P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6435E MCNIX-MX25L6435E Datasheet
1Mb / 89P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6445E MCNIX-MX25L6445E Datasheet
2Mb / 72P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com