Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L6402A Datasheet(PDF) 5 Page - Macronix International

Part # MX25L6402A
Description  64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L6402A Datasheet(HTML) 5 Page - Macronix International

  MX25L6402A Datasheet HTML 1Page - Macronix International MX25L6402A Datasheet HTML 2Page - Macronix International MX25L6402A Datasheet HTML 3Page - Macronix International MX25L6402A Datasheet HTML 4Page - Macronix International MX25L6402A Datasheet HTML 5Page - Macronix International MX25L6402A Datasheet HTML 6Page - Macronix International MX25L6402A Datasheet HTML 7Page - Macronix International MX25L6402A Datasheet HTML 8Page - Macronix International MX25L6402A Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
P/N: PM1040
REV. 1.0, SEP. 29, 2004
MX25L6402A
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
program
/erase
parallel
NA
erase
program
NA
NA
ready/busy
completion
mode
error
error
Note1
1=in parallel
1=error
1=error
1=ready
0=not in parallel mode
0=busy
DEVICE OPERATION
1.Before a command is issued, status register should be checked to ensure device is ready for the intended operation.
2.When incorrect command is inputted to this LSI, this LSI becomes standby mode and keeps the standby mode until
next CS falling edge. In standby mode, SO pin of this LSI should be High-Z.
3.When correct command is inputted to this LSI, this LSI becomes active mode and keeps the active mode until next CS
rising edge.
When this command is sent, the device will continuously send out the status register contents starting at bit7. The clock
to clock out the data is supplied by the master SPI.
Bit 6,5,2,1 = Reserve for future use.
Bit 4 = "1" -----> There is an error occurred in last erase operation.
= "0" -----> There is no error occurred in last erase operation.
Bit 3 = "1" -----> There is an error occurred in last program operation.
= "0" -----> There is no error occurred in last program operation.
Bit 0 ="1" -----> Device is in ready mode.
="0" -----> Device is in busy mode.
COMMAND DESCRIPTION
(1) Read Array
This command is sent with the 4-byte address (command included), and the byte address, followed by four dummy bytes
sent to give the device time to stabilize. The device will then send out data starting at the byte address until CS goes
high. The clock to clock out the data is supplied by the master SPI. The read operation is executed on whole array. If
the end of the array is reached then the device will wrap around to the beginning of the array.
(2) Read Status Register
(3) Clear Status Register
This command only resets erase error bit (bit 4) and program error bit (bit 3) . These two bits are set by on-chip state machine
during program/erase operation, and can only be reset by issuing a clear status register command or by powering down
VCC .
If status register indicates that error occurred in the last program/erase operation, any further program/erase operation will
be prohibited until status register is cleared.
(4) Read ID
This command is sent with an extra dummy byte( 2-byte command). The device will clock out manufacturer code (C2H)
and device code (9CH) when this command is issued.
The clock to clock out the data is supplied by the master SPI.
Note 1: The initial value of Bit7 is "1". Bit7 will have "1" to "0" transit only after program/erase operation is completed. Bit7
will shift from "0" to "1" only after issued program/erase/Clear status register command. Please note the Bit7=0 if program/
erase fail.
Note 2: The value of Bit 0 is "1", no matter the result of program/erase is pass or fail.


Similar Part No. - MX25L6402A

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6402 MCNIX-MX25L6402 Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402MC-40 MCNIX-MX25L6402MC-40 Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402MC-40G MCNIX-MX25L6402MC-40G Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
More results

Similar Description - MX25L6402A

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6402 MCNIX-MX25L6402 Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6405 MCNIX-MX25L6405 Datasheet
768Kb / 46P
   64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6408E MCNIX-MX25L6408E Datasheet
925Kb / 49P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6439E MCNIX-MX25L6439E Datasheet
1Mb / 90P
   64M-BIT [x 1 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6473E MCNIX-MX25L6473E Datasheet
1Mb / 86P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6436E MCNIX-MX25L6436E Datasheet
1Mb / 68P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6435E MCNIX-MX25L6435E Datasheet
1Mb / 89P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6445E MCNIX-MX25L6445E Datasheet
2Mb / 72P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com