Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L6402A Datasheet(PDF) 10 Page - Macronix International

Part # MX25L6402A
Description  64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L6402A Datasheet(HTML) 10 Page - Macronix International

Back Button MX25L6402A Datasheet HTML 6Page - Macronix International MX25L6402A Datasheet HTML 7Page - Macronix International MX25L6402A Datasheet HTML 8Page - Macronix International MX25L6402A Datasheet HTML 9Page - Macronix International MX25L6402A Datasheet HTML 10Page - Macronix International MX25L6402A Datasheet HTML 11Page - Macronix International MX25L6402A Datasheet HTML 12Page - Macronix International MX25L6402A Datasheet HTML 13Page - Macronix International MX25L6402A Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
P/N: PM1040
REV. 1.0, SEP. 29, 2004
MX25L6402A
NOTICE:
1.Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is stress rating only and functional operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended period
may affect reliability.
2.Specifications contained within the following tables are
subject to change.
3.During voltage transitions, all pins may overshoot to 4.6V
or -0.5V for period up to 20ns.
4.All input and output pins may overshoot to VCC+0.5V
while VCC+0.5V is smaller than or equal to 4.6V.
RATING
VALUE
Ambient Operating
0
° C to 70° C for Commercial grade
Temperature
-40
° C to 85° C for Industrial grade
Storage Temperature
-55
°Cto125°C
Applied Input Voltage
-0.5V to 4.6V
Applied Output Voltage
-0.5V to 4.6V
VCC to Ground Potential -0.5V to 4.6V
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
CAPACITANCE TA = 25
° C, f = 1.0 MHz
SYMBOL
PARAMETER
MIN.
TYP
MAX.
UNIT
CONDITIONS
CIN
Input Capacitance
10
pF
VIN = 0V
COUT
Output Capacitance
10
pF
VOUT = 0V
Maximum Negative Overshoot Waveform
0V
-0.5V
20ns
Maximum Positive Overshoot Waveform
4.6V
3.6V
20ns


Similar Part No. - MX25L6402A

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6402 MCNIX-MX25L6402 Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402MC-40 MCNIX-MX25L6402MC-40 Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402MC-40G MCNIX-MX25L6402MC-40G Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
More results

Similar Description - MX25L6402A

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6402 MCNIX-MX25L6402 Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6405 MCNIX-MX25L6405 Datasheet
768Kb / 46P
   64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6408E MCNIX-MX25L6408E Datasheet
925Kb / 49P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6439E MCNIX-MX25L6439E Datasheet
1Mb / 90P
   64M-BIT [x 1 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6473E MCNIX-MX25L6473E Datasheet
1Mb / 86P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6436E MCNIX-MX25L6436E Datasheet
1Mb / 68P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6435E MCNIX-MX25L6435E Datasheet
1Mb / 89P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6445E MCNIX-MX25L6445E Datasheet
2Mb / 72P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com