Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26303L-120 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS26303L-120
Description  3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26303L-120 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS26303L-120 Datasheet HTML 2Page - Maxim Integrated Products DS26303L-120 Datasheet HTML 3Page - Maxim Integrated Products DS26303L-120 Datasheet HTML 4Page - Maxim Integrated Products DS26303L-120 Datasheet HTML 5Page - Maxim Integrated Products DS26303L-120 Datasheet HTML 6Page - Maxim Integrated Products DS26303L-120 Datasheet HTML 7Page - Maxim Integrated Products DS26303L-120 Datasheet HTML 8Page - Maxim Integrated Products DS26303L-120 Datasheet HTML 9Page - Maxim Integrated Products DS26303L-120 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
DS26303: 3.3V, T1/E1/J1, Short-Haul, Octal Line Interface Unit
6 of 97
1 DETAILED DESCRIPTION
The DS26303 is a single-chip, 8-channel, short-haul line interface unit (LIU) for T1 (1.544Mbps) and E1
(2.048Mbps) applications. Eight independent receivers and transmitters are provided in a single PBGA package or
an eLQFP package. The LIUs can be individually selected for T1, J1, or E1 operation. The LIU requires a single
reference clock called MCLK. MCLK can be either 1.544MHz or 2.048MHz or a multiple thereof, and either
frequency can be internally adapted for T1, J1, or E1 mode. Internal impedance match provided for both transmit
and receive paths reduces external component count. The transmit waveforms are compliant to G.703 and T1.102
specification. The DS26303 provides software-selectable internal transmit termination for 100
W T1 twisted pair,
110
W J1 twisted pair, 120W E1 twisted pair, and 75W E1 coaxial applications. The transmitters have fast high-
impedance capability and can be individually powered down.
The receivers can function with up to 15dB of receive signal attenuation for T1 mode and E1 mode. The DS26303
can be configured as a 7-channel LIU with channel 1 used for nonintrusive monitoring in accordance with G.772.
The receivers and transmitters can be programmed into single-rail or dual-rail mode. AMI or HDB/B8ZS encoding
and decoding is selectable in single-rail mode. A 128-bit crystal-less on-board jitter attenuator for each LIU can be
placed in the receive or transmit directions. The jitter attenuator meets the ETSI CTR12/13 ITU G.736, G.742,
G.823, and AT&T PUB6411 specifications.
The DS26303 detects and generates AIS in accordance with T1.231, G.775, and ETSI 300233. Loss of signal is
detected in accordance with T1.231, G.775, and ETSI 300233. The DS26303 can perform digital, analog, remote,
and dual loopbacks on individual LIUs. JTAG boundary scan is provided for the digital pins.
The DS26303 can be configured using an 8-bit multiplexed or nonmultiplexed Intel or Motorola port, a 4-pin serial
port, or in limited modes of operation using hardware mode.
The analog AMI/HDB3 waveform of the E1 line or the AMI/B8ZS waveform of the T1 line is transformer coupled
into the RTIP and RRING pins of the DS26303. The user has the option to select internal termination of 75
W,
100
W, 110W, or 120W applications. The device recovers clock and data from the analog signal and passes it
through a selectable jitter attenuator, outputting the received line clock at RCLK and data at RPOS and RNEG.
The DS26303 receivers can recover data and clock for up 15dB of attenuation of the transmitted signals in T1 and
E1 mode. Receiver 1 can monitor the performance of receivers 2 to 8 or transmitters 2 to 8.
The DS26303 contains eight identical transmitters. Digital transmit data is input at TPOS/TNEG with reference to
TCLK. The data at these pins can be single rail or dual rail. This data is processed by waveshaping circuitry and
line driver to output at TTIP and TRING in accordance with ANSI T1.102 for T1/J1 or G.703 for E1 mask.
The DS26303 drives the E1 or T1 line from the TTIP and TRING pins through a coupling transformer. The
DS26303 functions with a 1:2 and 2:1 transformer for the Tx and Rx paths for operation, respectively.


Similar Part No. - DS26303L-120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS26303L-XXX DALLAS-DS26303L-XXX Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303L-XXX MAXIM-DS26303L-XXX Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
logo
Dallas Semiconductor
DS26303L-XXX++ DALLAS-DS26303L-XXX+ Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303L-XXX++ MAXIM-DS26303L-XXX+ Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
More results

Similar Description - DS26303L-120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2048E IDT-IDT82V2048E Datasheet
1Mb / 76P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2088 RENESAS-IDT82V2088 Datasheet
922Kb / 79P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
November 2012
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
PMC-Sierra, Inc
PM4319 PMC-PM4319 Datasheet
57Kb / 2P
   OCTAL T1/E1/J1 Short Haul Line Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com