Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8252-IQ Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI8252-IQ
Description  DIGITAL POWER CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8252-IQ Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI8252-IQ Datasheet HTML 2Page - Silicon Laboratories SI8252-IQ Datasheet HTML 3Page - Silicon Laboratories SI8252-IQ Datasheet HTML 4Page - Silicon Laboratories SI8252-IQ Datasheet HTML 5Page - Silicon Laboratories SI8252-IQ Datasheet HTML 6Page - Silicon Laboratories SI8252-IQ Datasheet HTML 7Page - Silicon Laboratories SI8252-IQ Datasheet HTML 8Page - Silicon Laboratories SI8252-IQ Datasheet HTML 9Page - Silicon Laboratories SI8252-IQ Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Si8250/1/2
6
Preliminary Rev. 0.8
Table 4. ADC0 (12-Bit ADC) Specifications
TA = –40 to +125 °C, VDD = 2.5 V, SYSCLK = 25 MHz, PLLCLK = 200 MHz unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
DC Accuracy
Resolution
12
bits
Integral Nonlinearity
±2
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
Offset Error
±3
LSB
Full Scale Error
Differential mode
3
LSB
Offset Temperature Coefficient
TBD
ppm/°C
Dynamic Performance (10 kHz sine-wave Single-ended input, 0 to 1 dB below Full Scale, 200 ksps)
Signal-to-Noise Plus Distortion
64
dB
Total Harmonic Distortion
Up to the 5th harmonic
83
dB
Spurious-Free Dynamic Range
–73
dB
Conversion Rate
Conversion Time in SAR Clocks
Note 1
13
clocks
Track/Hold Acquisition Time
Note 2
1
µs
Throughput Rate
200
ksps
Analog Inputs
Input Voltage Range
0
VREF
V
Input Capacitance
15
pF
Temperature Sensor
Linearity
Notes 3, 4
±TBD
°C
Gain
Notes 3, 4
1353
µV/°C
Offset
Notes 3, 4 (Temp = 0 °C)
488
mV
Power Specifications
Power Supply Current (VDD sup-
plied to ADC0)
Operating Mode, 200 ksps
780
µA
Power-On Time
After VREF settle, before tracking
begins
—5
µs
Power Supply Rejection
TBD
mV/V
Notes:
1. An additional 2
FCLK cycles are required to start and complete a conversion.
2. Additional tracking time may be required depending on the output impedance connected to the ADC input.
3. Represents one standard deviation from the mean.
4. Includes ADC offset, gain, and linearity variations.


Similar Part No. - SI8252-IQ

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI82520AB-AM1 SKYWORKS-SI82520AB-AM1 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520AB-IM1 SKYWORKS-SI82520AB-IM1 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520AD-AS3 SKYWORKS-SI82520AD-AS3 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520AD-IS3 SKYWORKS-SI82520AD-IS3 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520BB-AM1 SKYWORKS-SI82520BB-AM1 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
More results

Similar Description - SI8252-IQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS7401L FAIRCHILD-FMS7401L_05 Datasheet
1Mb / 81P
   Digital Power Controller
FMS7401 FAIRCHILD-FMS7401 Datasheet
1Mb / 80P
   Digital Power Controller
logo
Analog Devices
ADP1047 AD-ADP1047 Datasheet
1Mb / 84P
   Digital Power Factor Correction Controller
REV. 0
logo
Dialog Semiconductor
IW3614 DIALOG-IW3614 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller
logo
Texas Instruments
DLPC410 TI1-DLPC410 Datasheet
1Mb / 63P
[Old version datasheet]   Digital Controller
logo
Omron Electronics LLC
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Zilog, Inc.
IXRD1002 ZILOG-IXRD1002 Datasheet
1Mb / 15P
   High Power Digital Inrush Current Controller
logo
Dialog Semiconductor
IW3630 DIALOG-IW3630 Datasheet
412Kb / 7P
   AC/DC Digital Power Controller for High Power
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com