Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

552GA622M080BGR Datasheet(PDF) 7 Page - Silicon Laboratories

Part # 552GA622M080BGR
Description  DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

552GA622M080BGR Datasheet(HTML) 7 Page - Silicon Laboratories

  552GA622M080BGR Datasheet HTML 1Page - Silicon Laboratories 552GA622M080BGR Datasheet HTML 2Page - Silicon Laboratories 552GA622M080BGR Datasheet HTML 3Page - Silicon Laboratories 552GA622M080BGR Datasheet HTML 4Page - Silicon Laboratories 552GA622M080BGR Datasheet HTML 5Page - Silicon Laboratories 552GA622M080BGR Datasheet HTML 6Page - Silicon Laboratories 552GA622M080BGR Datasheet HTML 7Page - Silicon Laboratories 552GA622M080BGR Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Si552
Preliminary Rev. 0.2
7
4. Ordering Information
The Si552 was designed to support a variety of options including frequency, tuning slope, output format, and VDD.
Specific device configurations are programmed into the Si552 at time of shipment. A unique part number
associated with these options and frequencies will be assigned. The Si552 Dual Frequency VCXO is provided in
an industry-standard, 7x5 package.
Part numbers for the Si552 Dual Frequency VCXO are determined by following configuration tables. Silicon Labs
provides a Windows-based part number configuration tool to simplify this process. Refer to www.silabs.com/VCXO
to access this tool and for further ordering instructions.
2nd Option Code (VCXO)
Temp Stability
Tuning Slope
(ppm, max, ±)
(Kv,ppm/V, typ ,) APR(typ)@3.3V APR(typ )@2.5V APR(typ )@1.8V
A
100
180
185
115
50
B
100
90
38
Note 3
Note 3
C
50
180
235
165
100
D
50
90
85
50
20
E
20
45
40
25
Note 3
Notes:
1. Pull range (±) = 0.5 x VDD x tuning slope.
2. Absolute Pull Range (±APR) = Pull range – stability – lifetime aging
=0.5xVDD x tuning slope – stability – 10 ppm
3. Combination not available .
APR is the ability of a VCXO to track a signal over the product lifetime . Thus, a VCXO
with an APR of 50 ppm is able to lock to a clock with 50 ppm stability, for a 15 year life.
552
X
X
1st Option Code
V
Output Format
A
3.3 LVPECL
B
3.3 LVDS
C
3.3 CMOS
D
3.3 CML
E
2.5 LVPECL
F
2.5 LVDS
G
2.5 CMOS
H
2.5 CML
J
1.8
CMOS
K
1.8 CML
Notes:
CMOS available to 160 MHz.
B
X
R
Tape & Reel Packaging
Operating Temp Range (°C)
G
-40 to +85°C
Part Revision Letter
552 VCXO
Product Family
DD
Frequency Designator Code
Two unique frequencies can be specified within the following bands of frequencies:
10 to 945 MHz
970 to 1134 MHz
1213 to 1417 MHz
A six digit code will be assigned by SiLabs for the specified combination of frequencies .
X X X X X X


Similar Part No. - 552GA622M080BGR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
552G-02I IDT-552G-02I Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
552G-02ILN IDT-552G-02ILN Datasheet
104Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552G-02ILN IDT-552G-02ILN Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
logo
Renesas Technology Corp
552G-02ILN RENESAS-552G-02ILN Datasheet
262Kb / 8P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
051310
logo
Integrated Device Techn...
552G-02ILNT IDT-552G-02ILNT Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
More results

Similar Description - 552GA622M080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com