Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

532AA622M080BGR Datasheet(PDF) 10 Page - Silicon Laboratories

Part # 532AA622M080BGR
Description  DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

532AA622M080BGR Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button 532AA622M080BGR Datasheet HTML 2Page - Silicon Laboratories 532AA622M080BGR Datasheet HTML 3Page - Silicon Laboratories 532AA622M080BGR Datasheet HTML 4Page - Silicon Laboratories 532AA622M080BGR Datasheet HTML 5Page - Silicon Laboratories 532AA622M080BGR Datasheet HTML 6Page - Silicon Laboratories 532AA622M080BGR Datasheet HTML 7Page - Silicon Laboratories 532AA622M080BGR Datasheet HTML 8Page - Silicon Laboratories 532AA622M080BGR Datasheet HTML 9Page - Silicon Laboratories 532AA622M080BGR Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Si532
10
Preliminary Rev. 0.3
CONTACT INFORMATION
Silicon Laboratories Inc.
4635 Boston Lane
Austin, TX 78735
Tel: 1+(512) 416-8500
Fax: 1+(512) 416-9669
Toll Free: 1+(877) 444-3032
Email:VCXOinfo@silabs.com
Internet: www.silabs.com
Silicon Laboratories, Silicon Labs, and DSPLL are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders.
The information in this document is believed to be accurate in all respects at the time of publication but is subject to change without notice.
Silicon Laboratories assumes no responsibility for errors and omissions, and disclaims responsibility for any consequences resulting from
the use of information included herein. Additionally, Silicon Laboratories assumes no responsibility for the functioning of undescribed features
or parameters. Silicon Laboratories reserves the right to make changes without further notice. Silicon Laboratories makes no warranty, rep-
resentation or guarantee regarding the suitability of its products for any particular purpose, nor does Silicon Laboratories assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation conse-
quential or incidental damages. Silicon Laboratories products are not designed, intended, or authorized for use in applications intended to
support or sustain life, or for any other application in which the failure of the Silicon Laboratories product could create a situation where per-
sonal injury or death may occur. Should Buyer purchase or use Silicon Laboratories products for any such unintended or unauthorized ap-
plication, Buyer shall indemnify and hold Silicon Laboratories harmless against all claims and damages.


Similar Part No. - 532AA622M080BGR

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
532 MARL-532 Datasheet
256Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
532-102-63 MARL-532-102-63 Datasheet
180Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-102-63 MARL-532-102-63 Datasheet
256Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
532-102-63 MARL-532-102-63 Datasheet
256Kb / 4P
   industrial panel lamps
532-102-6307 MARL-532-102-6307_15 Datasheet
256Kb / 4P
   Colour diffused lens
More results

Similar Description - 532AA622M080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com