Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN66710 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # MN66710
Description  Full-Function DAB Receiver LSI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN66710 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button MN66710 Datasheet HTML 2Page - Panasonic Semiconductor MN66710 Datasheet HTML 3Page - Panasonic Semiconductor MN66710 Datasheet HTML 4Page - Panasonic Semiconductor MN66710 Datasheet HTML 5Page - Panasonic Semiconductor MN66710 Datasheet HTML 6Page - Panasonic Semiconductor MN66710 Datasheet HTML 7Page - Panasonic Semiconductor MN66710 Datasheet HTML 8Page - Panasonic Semiconductor MN66710 Datasheet HTML 9Page - Panasonic Semiconductor MN66710 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MN66710
6
SDC00041BEM
I Pin Descriptions (continued)
Pin No.
Pin Name
I/O
Descriptions
Note
73
CTLDAT
O
AFC/CIR D/A converter data
For AFC control and CIR monitor display
74
VSS4
Digital system ground
75
VDD3
Digital system power supply
76
FSYO
O
Frame sync signal output
77
NULDET
I
Null symbol detection signal input
78
AVSS
Analog system ground
79
ADVRB
A/D converter low side reference voltage
80
ADIN
I
A/D converter analog input
81
ADVRT
A/D converter high side reference voltage
82
AVDD
Analog system power supply
83
VREF
Reference supply for 5 V input pads
84
IQMOD
I
Digital IQ generation switching input
Normally connect to VDD
I Electrical Characteristics
1. Absolute Maximum Ratings at Ta
= 25°C, VSS = 0 V
Parameter
Symbol
Rating
Unit
Supply voltage (digital)
VDD
− 0.3 to +4.6
V
Supply voltage (analog)
AVDD
− 0.3 to +4.6
V
5 V reference voltage *1
VREF5
− 0.3 to +5.7
V
Input pin voltage (except for the type A and type B)
VI
− 0.3 to V
DD+0.3
V
Input pin voltage (type A)
VI5
− 0.3 to +6.0 *2
V
Input pin voltage (type B)
VI5
− 0.3 to V
REF5+0.3
*2
V
Output pin voltage (except for the type B)
VO
− 0.3 to V
DD+0.3
V
Output pin voltage (type B)
VO5
− 0.3 to V
REF5+0.3
*2
V
Output current (type HL1)
IO
±3mA
Output current (type HL2)
IO
±6mA
Output current (type HL4)
IO
±12
mA
Output current (type HL8)
IO
±24
mA
Power dissipation
PD
1030
mW
Storage temperature
Tstg
−55 to +125
°C


Similar Part No. - MN66710

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN66720DCUC PANASONIC-MN66720DCUC Datasheet
96Kb / 4P
   DAB Baseband Processor Featuring Low Power Consumption
More results

Similar Description - MN66710

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4684-A10 SILABS-SI4684-A10 Datasheet
997Kb / 3P
   Single-Chip, FM/DAB/DAB Radio Receiver
SI4685-A10 SILABS-SI4685-A10 Datasheet
1,000Kb / 3P
   Single-Chip, AM/FM/DAB/DAB Radio Receiver
SI4688-A10 SILABS-SI4688-A10 Datasheet
993Kb / 3P
   Single-Chip, FM/HD/DAB/DAB Radio Receiver
SI4689-A10 SILABS-SI4689-A10 Datasheet
985Kb / 3P
   Single-Chip, AM/FM/HD/DAB/DAB Radio Receiver
logo
Sanyo Semicon Device
LC73861 SANYO-LC73861 Datasheet
73Kb / 5P
   DTMF Receiver LSI
LC73881M SANYO-LC73881M Datasheet
109Kb / 5P
   DTMF Receiver LSI
logo
OKI electronic componet...
MSM7715 OKI-MSM7715 Datasheet
150Kb / 21P
   Multi-Function Telecommunication LSI
MSM6889 OKI-MSM6889 Datasheet
173Kb / 21P
   Multi-Function Telecommunication LSI
logo
STMicroelectronics
TDA7707 STMICROELECTRONICS-TDA7707 Datasheet
201Kb / 7P
   AM/FM/HD-RadioTM/DAB submicron technology automotive receiver
November 2019 Rev 3
logo
Toshiba Semiconductor
TC9134P TOSHIBA-TC9134P Datasheet
1Mb / 18P
   32-FUNCTION REMOTE CONTROL RECEIVING LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com