Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25701FJXCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY25701FJXCT
Description  Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25701FJXCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY25701FJXCT Datasheet HTML 1Page - Cypress Semiconductor CY25701FJXCT Datasheet HTML 2Page - Cypress Semiconductor CY25701FJXCT Datasheet HTML 3Page - Cypress Semiconductor CY25701FJXCT Datasheet HTML 4Page - Cypress Semiconductor CY25701FJXCT Datasheet HTML 5Page - Cypress Semiconductor CY25701FJXCT Datasheet HTML 6Page - Cypress Semiconductor CY25701FJXCT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY25701
Document #: 38-07684 Rev. *B
Page 3 of 7
Absolute Maximum Rating
Supply Voltage (VDD) .................................... –0.5V to +7.0V
DC Input Voltage....................................–0.5V to VDD + 0.5V
Storage Temperature (Non-condensing) .... –55°C to +100°C
Junction Temperature ................................ –40°C to +125°C
Data Retention @ Tj = 125
°C................................> 10 years
Package Power Dissipation...................................... 350 mW
Operating Conditions
Parameter
Description
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.00
3.30
3.60
V
TA
Ambient Temperature
–20
70
°C
CLOAD
Max. Load Capacitance @ pin 3
15
pF
FSSCLK
SSCLK output frequency, CLOAD = 15 pF
10
166
MHz
FMOD
Spread Spectrum Modulation Frequency
30.0
31.5
33.0
kHz
TPU
Power-up time for VDD to reach minimum specified
voltage (power ramp must be monotonic)
0.05
500
ms
DC Electrical Characteristics
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
IOH
Output High Current (pin 3)
VOH = VDD – 0.5, VDD = 3.3V (source)
10
12
mA
IOL
Output Low Current (pin 3)
VOL = 0.5, VDD= 3.3V (sink)
10
12
mA
VIH
Input High Voltage (pin 1)
CMOS levels, 70% of VDD
0.7VDD
–VDD
V
VIL
Input Low Voltage (pin 1)
CMOS levels, 30% of VDD
0.3VDD V
IIH
Input High Current (pin 1)
Vin = VDD
––
10
µA
IIL
Input Low Current (pin 1)
Vin = VSS
––
10
µA
IOZ
Output Leakage Current (pin 3) Three-state output, OE = 0
–10
10
µA
CIN[1]
Input Capacitance (pin 1)
Pin 1, or OE
5
7
pF
IVDD
Supply Current
VDD = 3.3V, SSCLK = 10 to 166 MHz,
CLOAD = 0, OE = VDD
––
30
mA
AC Electrical Characteristics[1]
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
DC
Output Duty Cycle
SSCLK, Measured at VDD/2
45
50
55
%
tR
Output Rise Time
20%–80% of VDD, CL = 15pF
2.7
ns
tF
Output Fall Time
20%–80% of VDD, CL = 15pF
2.7
ns
TCCJ1[2]
Cycle-to-Cycle Jitter
SSCLK (Pin 3)
SSCLK
≥133 MHz, Measured at VDD/2
200
ps
25 MHz
≤ SSCLK <133 MHz, Measured at VDD/2
400
ps
SSCLK < 25 MHz, Measured at VDD/2
1% of 1/SSCK
s
TOE1
Output Disable Time
(pin1 = OE)
Time from falling edge on OE to stopped outputs
(Asynchronous)
150
350
ns
TOE2
Output Enable Time
(pin1 = OE)
Time from rising edge on OE to outputs at a valid
frequency (Asynchronous)
150
350
ns
TLOCK
PLL Lock Time
Time for SSCLK to reach valid frequency
10
ms
∆f
Aging in Frequency
TA = 25°C, First year
–5
5
ppm
Notes:
1. Guaranteed by characterization, not 100% tested.
2. Jitter is configuration dependent. Actual jitter is dependent on output frequencies, spread percentage, temperature, and output load. For more information, refer
to the application note, “Jitter in PLL Based Systems: Causes, Effects, and Solutions” available at http://www.cypress.com/clock/appnotes.html, or contact your
local Cypress Field Application Engineer.


Similar Part No. - CY25701FJXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25701FJXCT CYPRESS-CY25701FJXCT Datasheet
216Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
More results

Similar Description - CY25701FJXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25701 CYPRESS-CY25701_06 Datasheet
317Kb / 8P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701 CYPRESS-CY25701_07 Datasheet
275Kb / 8P
   Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option
CY25701JXC CYPRESS-CY25701JXC Datasheet
216Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
logo
Epson Company
SG-9001CA EPSON-SG-9001CA Datasheet
130Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR WITH SPREAD SPECTRUM
SG-9101 EPSON-SG-9101 Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) SPREAD SPECTRUM OUTPUT: CMOS
SG-9101CGA EPSON-SG-9101CGA Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) SPREAD SPECTRUM OUTPUT: CMOS
logo
List of Unclassifed Man...
SG-9001LB ETC2-SG-9001LB Datasheet
233Kb / 1P
   CRYSTAL OSCILLATOR SPREAD SPECTRUM
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
   Oscillator SMD, spread spectrum, programmable
logo
Jauch Quartz Gmbh
JSS53 JAUCH-JSS53 Datasheet
181Kb / 2P
   SMD Spread Spectrum Crystal Oscillator
logo
Linear Technology
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com