Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48E30 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT48E30
Description  I/O Type 8-Bit MTP MCU With EEPROM
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48E30 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT48E30 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
HT48E30
Rev. 1.20
6
March 3, 2006
Instruction
Table Location
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note: *10~*0: Table location bits
P10~P8: Current program counter bits
@7~@0: Table pointer bits
In System Programming
In system programming allows programming and repro-
gramming of HT48EXX microcontroller on application
circuit board, this will save time and money, both during
development in the lab. Using a simple 3-wire interface,
the ISP communicates serially with the HT48EXX
microcontroller, reprogramming program memory and
EEPROM data memory on the chip.
Pin Name
Function
Description
PA0
SDATA
Serial data input/output
PA4
SCLK
Serial clock input
RES
RESET
Device reset
VDD
VDD
Power supply
VSS
VSS
Ground
ISP Pin Assignments
Program Memory
- ROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into
2048
´14 bits, addressed by the program counter and ta-
ble pointer.
Certain locations in the program memory are reserved
for special usage:
· Location 000H
This area is reserved for program initialization. After a
chip reset, the program always begins execution at lo-
cation 000H.
· Location 004H
This area is reserved for the external interrupt service
program. If the INT input pin is activated, the interrupt
is enabled and the stack is not full, the program begins
execution at location 004H.
· Location 008H
This area is reserved for the timer/event counter inter-
rupt service program. If a timer interrupt results from a
timer/event counter overflow, and if the interrupt is en-
abled and the stack is not full, the program begins exe-
cution at location 008H.
· Table location
Any location in the program memory space can be
used as look-up tables. The instructions
²TABRDC
[m]
² (the current page, one page=256 words) and
²TABRDL [m]² (the last page) transfer the contents of
the lower-order byte to the specified data memory,
and the higher-order byte to TBLH (08H). Only the
destination of the lower-order byte in the table is
well-defined, the other bits of the table word are trans-
ferred to the lower portion of TBLH, and the remaining
2-bits words are read as
²0². The Table Higher-order
byte register (TBLH) is read only. The table pointer
(TBLP) is a read/write register (07H), which indicates
the table location. Before accessing the table, the lo-
cation must be placed in the TBLP. The TBLH is read
only and cannot be restored. If the main routine and
the ISR (Interrupt Service Routine) both employ the
table read instruction, the contents of the TBLH in the
main routine are likely to be changed by the table read
instruction used in the ISR. Errors can occur. In other
words, using the table read instruction in the main rou-
tine and the ISR simultaneously should be avoided.
However, if the table read instruction has to be applied
in both the main routine and the ISR, the interrupt is
supposed to be disabled prior to the table read in-
struction. It will not be enabled until the TBLH has
been backed up. All table related instructions require
two cycles to complete the operation. These areas
may function as normal program memory depending
upon the requirements.
7 F F H
n F F H
P r o g r a m
M e m o r y
D e v i c e I n i t i a l i z a t i o n P r o g r a m
E x t e r n a l I n t e r r u p t S u b r o u t i n e
T i m e r / E v e n t C o u n t e r
I n t e r r u p t S u b r o u t i n e
L o o k - u p T a b l e ( 2 5 6 w o r d s )
L o o k - u p T a b l e ( 2 5 6 w o r d s )
N o t e : n r a n g e s f r o m 0 t o 7
n 0 0 H
0 0 8 H
0 0 4 H
0 0 0 H
1 4 b i t s
7 0 0 H
Program Memory


Similar Part No. - HT48E30

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48E06 HOLTEK-HT48E06 Datasheet
346Kb / 43P
   8-Bit I/O Type MCU (With EEPROM)
HT48E10 HOLTEK-HT48E10 Datasheet
325Kb / 41P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E10 HOLTEK-HT48E10 Datasheet
304Kb / 42P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E10_0610 HOLTEK-HT48E10_0610 Datasheet
304Kb / 42P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E50 HOLTEK-HT48E50 Datasheet
303Kb / 46P
   I/O Type 8-Bit MTP MCU With EEPROM
More results

Similar Description - HT48E30

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48E50 HOLTEK-HT48E50 Datasheet
303Kb / 46P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E10_0610 HOLTEK-HT48E10_0610 Datasheet
304Kb / 42P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E10 HOLTEK-HT48E10 Datasheet
325Kb / 41P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E70 HOLTEK-HT48E70 Datasheet
315Kb / 44P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E06 HOLTEK-HT48E06 Datasheet
346Kb / 43P
   8-Bit I/O Type MCU (With EEPROM)
48E30 HOLTEK-48E30 Datasheet
351Kb / 44P
   8-Bit I/O Type MCU (With EEPROM)
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com