Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66008P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M66008P
Description  16-BIT I/O EXPANDER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66008P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M66008P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66008P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66008P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66008P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66008P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MITSUBISHI
〈DIGITAL ASSP〉
M66008P/FP
16-BIT I/O EXPANDER
1
MITSUBISHI
〈DIGITAL ASSP〉
M66008P/FP
16-BIT I/O EXPANDER
DESCRIPTION
The M66008 is a semiconductor integrated circuit providing
the 16-bit serial input-parallel output and parallel input-serial
output shift register function.
Independent built-in registers for serial input-parallel output
and parallel input-serial output enable serial input data to be
read into a shift register during output of serial data converted
from parallel data. In addition, parallel data input/output pin
can be placed in input or output mode in bits.
The M66008 is widely applicable to I/O port extension for
MCU, data communication of serial bus system, etc.
FEATURES
• Two-way serial data communication with MCU
• Reading of serial data during parallel-serial data conversion
• Division of I/O bit in parallel data input/output
• Low power consumption of 50 µW/package maximum
(Vcc=5V, Ta=25°C at time of standstill)
• Schmitt triggered input (DI, CLK, S, CS)
• Open drain output (DO, D1~D16)
• With parallel data input/output (D1~D16)
• Wide operating supply voltage range (Vcc=2~6V)
• Wide operating temperature range (Ta=–20~75°C)
PIN CONFIGURATION (TOP VIEW)
BLOCK DIAGRAM
CLOCK INPUT CLK
SERIAL
DATA OUTPUT
SHIFT REGISTER
!
PARALLEL OUTPUT LATCH
SHIFT REGISTER
@
SET INPUT
S
CHIP
SELECT INPUT
SERIAL
DATA INPUT
DO
D1
DO
D1~ D16
D2
D3
D14
D15
D16
D16 D15 D14
D3 D2 D1
D1
DO
D16 D15 D14
D3 D2 D1
Q16 Q15 Q14
Q3 Q2
GND
GND
Q1
Q16 D15 D14
Q3 Q2 Q1
CS
DI
CLK
S
CS
DI
VCC
VCC
VCC
VCC
INPUT FORMAT
OUTPUT FORMAT
5
3
6
4
2
24
23
22
10
9
8
12
7
1
Outline 24P4D
24P2N-B
DO
DI
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
CLK
CS
S
D16
D15
DO ←
DI →
CLK →
CS →
VCC
S →
GND
D16 ↔
D15 ↔
↔ D1
↔ D2
↔ D3
↔ D4
↔ D5
↔ D6
↔ D7
↔ D8
↔ D9
↔ D10
SERIAL DATA OUTPUT
1
24
223
322
421
520
619
718
817
916
10
15
SERIAL DATA INPUT
CLOCK INPUT
CHIP SELECT INPUT
SET INPUT
PARALLEL DATA
INPUT/OUTPUT
PARALLEL DATA
INPUT/OUTPUT
D11
↔ D11
11
14
D12
GND
↔ D12
12
13
D14
D13
D14 ↔
D13 ↔
APPLICATION
Parallel/serial data conversion for MCU periphery, serial bus
control by parallel/serial data conversion MCU, etc.


Similar Part No. - M66008P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
More results

Similar Description - M66008P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
   16-Bit I2C??I/O Expander
2007
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
   16-Bit I/O Expander IC
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
logo
ON Semiconductor
PCA9535E ONSEMI-PCA9535E_15 Datasheet
180Kb / 20P
   16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
   16-Bit I/O Expander with Serial Interface
06/23/16
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com