Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT47R20A-1 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT47R20A-1
Description  R-F Type 8-Bit MCU
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47R20A-1 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT47R20A-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
(Crystal OSC)
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fSYS2
System Clock
(RC OSC)
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fSYS3
System Clock
(32768Hz Crystal OSC)
¾¾
¾
32768
¾
Hz
fRTCOSC
RTC Frequency
¾¾
¾
32768
¾
Hz
fTIMER
Timer I/P Frequency
¾
2.2V~5.5V
0
¾
4000
kHz
¾
3.3V~5.5V
0
¾
8000
kHz
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
35
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Wake-up from HALT
¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
HT47R20A-1/HT47C20-1
Rev. 1.70
6
June 14, 2005


Similar Part No. - HT47R20A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47R20A-1 HOLTEK-HT47R20A-1_08 Datasheet
294Kb / 41P
   R-F Type 8-Bit MCU
More results

Similar Description - HT47R20A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47R20A-1 HOLTEK-HT47R20A-1_08 Datasheet
294Kb / 41P
   R-F Type 8-Bit MCU
HT47R10A-1 HOLTEK-HT47R10A-1 Datasheet
318Kb / 43P
   R-F Type 8-Bit MCU
HT47C20 HOLTEK-HT47C20_02 Datasheet
348Kb / 46P
   8-Bit R-F Type Mask MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R36 HOLTEK-HT45R36 Datasheet
301Kb / 40P
   C/R to F Type 8-Bit OTP MCU
HT45R35 HOLTEK-HT45R35 Datasheet
317Kb / 54P
   C/R to F Type 8-Bit OTP MCU
HT47C06L HOLTEK-HT47C06L Datasheet
273Kb / 37P
   R-F Type Low Voltage 8-Bit Mask MCU
HT45R35 HOLTEK-HT45R35_10 Datasheet
383Kb / 59P
   C/R to F Type 8-Bit OTP MCU
HT45R34 HOLTEK-HT45R34 Datasheet
307Kb / 41P
   C/R to F Type 8-Bit OTP MCU
HT45R38 HOLTEK-HT45R38 Datasheet
349Kb / 49P
   C/R to F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com