Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF373SR1 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MRF373SR1
Description  RF POWER FIELD EFFECT TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF373SR1 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MRF373SR1 Datasheet HTML 4Page - Motorola, Inc MRF373SR1 Datasheet HTML 5Page - Motorola, Inc MRF373SR1 Datasheet HTML 6Page - Motorola, Inc MRF373SR1 Datasheet HTML 7Page - Motorola, Inc MRF373SR1 Datasheet HTML 8Page - Motorola, Inc MRF373SR1 Datasheet HTML 9Page - Motorola, Inc MRF373SR1 Datasheet HTML 10Page - Motorola, Inc MRF373SR1 Datasheet HTML 11Page - Motorola, Inc MRF373SR1 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MRF373R1 MRF373SR1
8
MOTOROLA RF DEVICE DATA
Table 2. MRF373SR1 Broadband Push–Pull Application Parts List
Designation
Description
C1
1.0 pF, AVX, P12101J1R0BBT
C2, C4, C10
10 pF, AVX, P12101J100GBT
C3A, B
120 pF, 300 V, AVX, AQ149M121JAJBE
C5, C6, C9
12 pF, AVX, P12101J120GBT
C7, C8
18 pF, AVX, P12101J180GBT
C11
6.8 pF, AVX, P12101J6R8BBT
C12
4.7 pF, AVX, P12101J4R7BBT
C13, C18A, B
3.3 pF, AVX, P12101J3R3BBT
C14A, B
100 pF, 500 V, AVX, AQ147M101JAJBE
C15
2.7 pF, AVX, P12101J2R7BBT
C16A, B
3.3
mF, 100 V, Vitramon P/N VJ3640Y335KXBAT
C17A, B, C19A, B
22
mF, 35 V, Kemet P/N T491D226K35AS
L1A, B, L3A, B, L4, L5
8.0 nH, Coilcraft P/N A03T
L2, L6
12.5 nH, Coilcraft P/N A04T
R1A, B
22
Ω, Vishay Dale Chip Resistor, 1/4 W (1206)
R2A, B
10
Ω, Vishay Dale Chip Resistor, 1/4 W (1206)
R3
390
Ω, Vishay Dale Chip Resistor (1206)
R4
2.4 k
Ω, Vishay Dale Chip Resistor (1206)
R5T
470
Ω Thermistor, KOA SPEER MOT P/N 0680149M01
PCB
MRF373 PP Printed Circuit Board Rev 2C,
Rogers RO4350, Height 30 mils,
εr = 3.48
Balun A, B
Vertical 660 MHz Broadband Balun, Printed Circuit Board Rev 01,
Rogers RO3010, Height 50 mils,
εr = 10.2
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
Archived 2005


Similar Part No. - MRF373SR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF373S MOTOROLA-MRF373S Datasheet
217Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF373SR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com