Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1031BCTI-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1031BCTI-T
Description  10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1031BCTI-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1031BCTI-T Datasheet HTML 1Page - Maxim Integrated Products MAX1031BCTI-T Datasheet HTML 2Page - Maxim Integrated Products MAX1031BCTI-T Datasheet HTML 3Page - Maxim Integrated Products MAX1031BCTI-T Datasheet HTML 4Page - Maxim Integrated Products MAX1031BCTI-T Datasheet HTML 5Page - Maxim Integrated Products MAX1031BCTI-T Datasheet HTML 6Page - Maxim Integrated Products MAX1031BCTI-T Datasheet HTML 7Page - Maxim Integrated Products MAX1031BCTI-T Datasheet HTML 8Page - Maxim Integrated Products MAX1031BCTI-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
10-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
4
_______________________________________________________________________________________
Note 1: Tested at VDD = +2.7V, unipolar input mode.
Note 2: Offset nulled.
Note 3: Time for reference to power up and settle to within 1 LSB.
Note 4: Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 5: The operational input voltage range for each individual input of a differentially configured pair is from GND to VDD. The
operational input voltage difference is from -VREF / 2 to +VREF / 2.
Note 6: See Figure 3 (Input Equivalent Circuit) and the Sampling Error vs. Source Impedance curve in the Typical Operating
Characteristics section.
Note 7: Fast automated test, excludes self-heating effects.
Note 8: Supply current is specified depending on whether an internal or external reference is used for voltage conversions.
Temperature measurements always use the internal reference.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V, fSAMPLE = 300kHz, fSCLK = 4.8MHz (50% duty cycle), VREF = 2.5V, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SCLK, DIN,
CS, CNVST)
Input Voltage Low
VIL
VDD x 0.3
V
Input Voltage High
VIH
VDD x 0.7
V
Input Hysteresis
VHYST
200
mV
Input Leakage Current
IIN
VIN = 0 or VDD
±0.01
±1.0
µA
Input Capacitance
CIN
15
pF
DIGITAL OUTPUTS (DOUT,
EOC)
ISINK = 2mA
0.4
Output Voltage Low
VOL
ISINK = 4mA
0.8
V
Output Voltage High
VOH
ISOURCE = 1.5mA
VDD - 0.5
V
Tri-State Leakage Current
IL
CS = VDD
±0.05
±1
µA
Tri-State Output Capacitance
COUT
CS = VDD
15
pF
POWER REQUIREMENTS
Supply Voltage
VDD
2.7
3.6
V
During temp sense
2200
2700
fSAMPLE = 300ksps
1550
1800
fSAMPLE = 0, REFon
1000
1200
Internal
reference
Shutdown
0.2
5
During temp sense
1550
2000
fSAMPLE = 300ksps
880
1100
Supply Current (Note 8)
IDD
External
reference
Shutdown
0.2
5
µA
Power-Supply Rejection
PSR
VDD = 2.7V to 3.6V; full-scale input
±0.2
±1
mV


Similar Part No. - MAX1031BCTI-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1031BCTI-T MAXIM-MAX1031BCTI-T Datasheet
200Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 3/09
More results

Similar Description - MAX1031BCTI-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
MAX1026 MAXIM-MAX1026_11 Datasheet
339Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
MAX1027 MAXIM-MAX1027_09 Datasheet
200Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 3/09
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com