Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1031AEEG-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1031AEEG-T
Description  10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1031AEEG-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1031AEEG-T Datasheet HTML 3Page - Maxim Integrated Products MAX1031AEEG-T Datasheet HTML 4Page - Maxim Integrated Products MAX1031AEEG-T Datasheet HTML 5Page - Maxim Integrated Products MAX1031AEEG-T Datasheet HTML 6Page - Maxim Integrated Products MAX1031AEEG-T Datasheet HTML 7Page - Maxim Integrated Products MAX1031AEEG-T Datasheet HTML 8Page - Maxim Integrated Products MAX1031AEEG-T Datasheet HTML 9Page - Maxim Integrated Products MAX1031AEEG-T Datasheet HTML 10Page - Maxim Integrated Products MAX1031AEEG-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
10-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
_______________________________________________________________________________________
7
2.510
2.506
2.502
2.498
2.490
-40
10
-15
35
60
85
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
2.494
0
0.2
0.1
0.4
0.3
0.5
0.6
2.7
3.0
3.3
3.6
OFFSET ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
0.2
0.1
0.4
0.3
0.5
0.6
-40
10
-15
35
60
85
OFFSET ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
-0.2
0
0.4
0.6
GAIN ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.7
3.6
3.3
3.0
0.2
0
0.4
0.5
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
35
85
60
10
0.1
0.3
0.2
Typical Operating Characteristics (continued)
(VDD = +3V, VREF = +2.5V, fSCLK = 4.8MHz, CLOAD = 30pF, TA = +25°C, unless otherwise noted.)
-1.0
-0.5
0
0.5
1.0
04
26
8
10
SAMPLING ERROR
vs. SOURCE IMPEDANCE
SOURCE IMPEDANCE (k
Ω)
-1.00
-0.50
-0.75
0.50
0
0.75
1.00
-40
10
-15
35
60
85
TEMPERATURE SENSOR ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
0.25
-0.25
GRADE A
GRADE B


Similar Part No. - MAX1031AEEG-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1031AEEG-T MAXIM-MAX1031AEEG-T Datasheet
200Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 3/09
More results

Similar Description - MAX1031AEEG-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
MAX1026 MAXIM-MAX1026_11 Datasheet
339Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
MAX1027 MAXIM-MAX1027_09 Datasheet
200Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 3/09
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com