Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33389DDW Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC33389DDW
Description  System Basis Chip with Low Speed Fault Tolerant CAN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33389DDW Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC33389DDW Datasheet HTML 2Page - Motorola, Inc MC33389DDW Datasheet HTML 3Page - Motorola, Inc MC33389DDW Datasheet HTML 4Page - Motorola, Inc MC33389DDW Datasheet HTML 5Page - Motorola, Inc MC33389DDW Datasheet HTML 6Page - Motorola, Inc MC33389DDW Datasheet HTML 7Page - Motorola, Inc MC33389DDW Datasheet HTML 8Page - Motorola, Inc MC33389DDW Datasheet HTML 9Page - Motorola, Inc MC33389DDW Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
MC33389
MOTOROLA
6
MC33389
CANH Pull Down Current
Icanlpd
45
75
90
µA
BusNormal Mode
Receiver Differential Input
Impedance CANH / CANL
Rdiff
100
180
k
Differential Receiver Common
Mode Voltage Range
Vcom
-8
8
V
RTH, RTL Pins
RTL to V2 Switch on Resistance
Rrtl
10
25
70
Iout<-10mA, BusNormal
Operating Mode
RTL to BAT Switch Series Resistance
Rrtl
812.5
20
k
BusStandby Mode
RTH to Ground Switch on Resistance
Rrth
25
70
Iout<10mA, All Mode
THERMAL SHUTDOWN
Shutdown Temperature
Tsd
165
°C
AC CHARACTERISTICS
CANL and CANH Slew Rates, Ris-
ing or Falling Edges, Tx from
Recessive to Dominant State
3.5
5
10
V/
µs
Cload=10nF, 133Ω
Termination Resistors
CANL and CANH Slew Rates, Ris-
ing or Falling Edges, Tx from Domi-
nant to Recessive State
23.5
10
V/
µs
Cload=10nF, 133Ω
Termination Resistors
Propagation Delay TX to RX Low
Tdh
1.2
2
µs
Cload=10nF, 133Ω
Termination Resistors
Propagation Delay TX to RX High
Tdl
23
µs
Cload=10nF, 133Ω
Termination Resistors
Min. Dominant Time for Wake-up
on CANL or CANH
Twake
440
µs
BusStandby Mode,
Vbat=12V
Failure 3 Detection Time
10
60
µs
BusNormal Mode
Failure 3 Recovery Time
10
60
µs
BusNormal Mode
Failure 6 Detection Time
50
400
µs
BusNormal Mode
Failure 6 Recovery Time
150
1000
µs
BusNormal Mode
Failure 4, 7, 8 Detection Time
0.75
4
ms
BusNormal Mode
Failure 4, 7, 8 Recovery Time
10
60
µs
BusNormal Mode
Failure 3, 4, 7 Detection Time
0.8
8
ms
BusStandby Mode, Vbat=12V
Failure 3, 4, 7 Recovery Time
2.5
ms
BusStandby Mode,Vbat=12V
Edge Count Difference Between
CANH and CANL for
Failures 1, 2, 5 Detection
3
BusNormal Mode
Edge Count Difference Between
CANH and CANL for
Failures 1, 2, 5 Recovery
3
BusNormal Mode
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33389DDW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33389DDW FREESCALE-MC33389DDW Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389DDWR2 FREESCALE-MC33389DDWR2 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
More results

Similar Description - MC33389DDW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com