Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33389CDW Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC33389CDW
Description  System Basis Chip with Low Speed Fault Tolerant CAN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33389CDW Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC33389CDW Datasheet HTML 3Page - Motorola, Inc MC33389CDW Datasheet HTML 4Page - Motorola, Inc MC33389CDW Datasheet HTML 5Page - Motorola, Inc MC33389CDW Datasheet HTML 6Page - Motorola, Inc MC33389CDW Datasheet HTML 7Page - Motorola, Inc MC33389CDW Datasheet HTML 8Page - Motorola, Inc MC33389CDW Datasheet HTML 9Page - Motorola, Inc MC33389CDW Datasheet HTML 10Page - Motorola, Inc MC33389CDW Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
MC33389
MOTOROLA
7
MC33389
TX Permanent Dominant
Timer Disable Time
Ttxd
0.75
4
ms
BusNormal Mode and
Failure Mode
TX, MOSI, SCK, CSB
High Level Input Voltage
0.7V1
V1+0.3V
CSB Threshold for SPI Wake-up
2.2
V
SBC in Sleep Mode,
V1<1.5V
CSB Filter Time for SPI Wake-up
3
µs
SBC in Sleep Mode, V1<1V
Low Level Input Voltage
-0.3
0.3 V1
V
High Level Input Current on CSB
-100
-20
µA
Vi=4V
Low Level Input Current (CSB)
-100
-20
µA
Vi=1V
TX High Level Input Current
ITX
-200
-80
-25
µA
Vi=4V
TX Low Level Input Current
ITX
-800
-320
-100
µA
Vi=1V
SI, SCK Input Current
-10
10
µA0<VIN<V1
RX, INTB, MISO
High Level Output Voltage
Voh
V1-0.9
V1
V
I0=-250µA
Low Level Output Voltage
Vol
0
0.9
V
I0=1.5mA
Tristated SO Output Current
Iz
-2
+2
µA0V<Vso<V1
RSTB Pin
High Level Input Voltage
Vih
0.7V1
V1+0.3V
Low Level Input Voltage
Vil
-0.3
0.3V1
V
High Level Output current 1
-50
-30
-10
µA0<Vout<0.5V1
High Level Output current 2
-300
µA0.5<Vout<V1
Low Level Output Voltage (I0=1.5mA)
0
0.9
V
1v<Vbat<27V
Reset Duration after V1High
tres
1ms
L0, L1, L2 WAKE-UP INPUTS
Positive Switching Threshold
Vwup
3
3.7
4.5
V
6V<Vbat<16V
Negative Switching Threshold
Vwun
2.5
3
3.8
V
6V<Vbat<16V
Hysteresis
Vhyst
700
mV
6V<Vbat<16V
Leakage Current 0<Vwu<Vbat
-5
+5
µA
Wake up Filter Time
8
20
38
µs
Lx input current @ 40V
Vin
350
600
µA
DIGITAL INTERFACE TIMING
SCLK Clock Period
tpSCLK
500
ns
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33389CDW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33389CDW FREESCALE-MC33389CDW Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDWR2 FREESCALE-MC33389CDWR2 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
More results

Similar Description - MC33389CDW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com