Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46R51 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT46R51
Description  A/D Type 8-Bit OTP MCU
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R51 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT46R51 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
HT46R51/HT46R52
Rev. 1.40
7
July 12, 2005
Instruction
Table Location
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC [m]
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
b10~b0: Table location bits
P10~P8: Current program counter bits
@7~@0: Table pointer bits
For the Ht46R51, since the program counter is 10 bits wide (b0~b9), the b10 column in the table are not appli-
cable
For the HT46R52, since the program counter is 11 bits wide (b0~b10)
Stack Register
- STACK
This is a special part of the memory which is used to
save the contents of the program counter only. The
stack is organized into 6 levels and is neither part of the
data nor part of the program space, and is neither read-
able nor writeable. The activated level is indexed by the
stack pointer (SP) and is neither readable nor writeable.
At the state of a subroutine call or an interrupt acknowl-
edgment, the contents of the program counter are
pushed onto the stack. At the end of the subroutine or an
interrupt routine, signaled by a return instruction (RET or
RETI), the program counter is restored to its previous
value from the stack. After a chip reset, the SP will point
to the top of the stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledge signal will be inhibited. When the stack
pointer is decremented (by RET or RETI), the interrupt is
serviced. This feature prevents stack overflow, allowing
the programmer to use the structure more easily. If the
stack is full and a
²CALL² is subsequently executed,
stack overflow occurs and the first entry will be lost (only
the most recent 6 return addresses are stored).
Data Memory
- RAM
The data memory (RAM) is designed with 111
´8 bits
and is divided into two functional groups, namely; spe-
cial function registers (23
´8 bits) and general purpose
data memory (88
´8bit) most of which are read-
able/writable, although some are read only. Of the two
types of functional groups, the special function registers
consist of an Indirect addressing register 0 (00H), a
Memory pointer register 0 (MP0;01H), an Indirect ad-
dressing register 1 (02H), a Memory pointer register 1
(MP1;03H), an Accumulator (ACC;05H), a Program
counter lower-order byte register (PCL;06H), a Table
pointer (TBLP;07H), a Table higher-order byte register
(TBLH;08H), a Status register (STATUS;0AH), an Inter-
rupt control register (INTC;0BH), a Timer/Event Counter
(TMR:0DH), a Timer/Event Counter control register
(TMRC;0EH), PWM data register (PWM;1AH), the A/D
S p e c i a l P u r p o s e
D A T A M E M O R Y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
: U n u s e d
R e a d a s " 0 0 "
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 7 H
2 8 H
7 F H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P W M
A D R L
A D R H
A D C R
A C S R
G e n e r a l P u r p o s e
D a t a M e m o r y
( 8 8 B y t e s )
RAM Mapping


Similar Part No. - HT46R51

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R51

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
   A/D Type 8-Bit OTP MCU
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
   A/D Type 8-Bit OTP MCU
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R53A HOLTEK-HT46R53A Datasheet
303Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com