Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46R46-H Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT46R46-H
Description  Cost-Effective A/D Type 8-Bit OTP MCU
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46-H Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT46R46-H Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R46-H Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R46-H Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R46-H Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R46-H Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R46-H Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R46-H Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R46-H Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R46-H Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz, LVR enabled
VLVR
¾
5.5
V
fSYS=8MHz, LVR disabled
3.3
¾
5.5
V
IDD1
Operating Current (Crystal OSC)
5V
No load, fSYS=4MHz
ADC disabled
¾
24
mA
IDD2
Operating Current (RC OSC)
5V
No load, fSYS=4MHz
ADC disabled
¾
2.5
4
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=8MHz
ADC disabled
¾
48
mA
ISTB1
Standby Current (WDT Enabled)
5V
No load, system HALT
¾¾
10
mA
ISTB2
Standby Current (WDT Disabled)
5V
No load, system HALT
¾¾
2
mA
VIL1
Input Low Voltage for I/O Ports,
TMR and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset
¾¾
3.4
3.8
4.2
V
IOL
I/O Port Sink Current
5V
VOL=0.1VDD
10
20
¾
mA
IOH
I/O Port Source Current
5V
VOH=0.9VDD
-5
-10
¾
mA
RPH
Pull-high Resistance
5V
¾
10
30
50
k
W
VAD
A/D Input Voltage
¾¾
0
¾
VDD
V
EAD
A/D Conversion Error
¾¾
¾
±0.5
±1
LSB
IADC
Additional Power Consumption
if A/D Converter is Used
5V
¾¾
1.5
3
mA
HT46R46-H
Rev. 1.40
4
February 24, 2006


Similar Part No. - HT46R46-H

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46 Datasheet
580Kb / 77P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
More results

Similar Description - HT46R46-H

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com