Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46C46E Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46C46E
Description  Cost-Effective A/D Type 8-Bit MCU
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C46E Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46C46E Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
HT46R46E/HT46C46E
Rev. 1.30
9
July 19, 2005
stack. After a chip reset, the SP will point to the top of the
stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledgment will be inhibited. When the stack
pointer is decremented (by RET or RETI), the interrupt
will be serviced. This feature prevents stack overflow al-
lowing the programmer to use the structure more easily.
In a similar case, if the stack is full and a
²CALL² is sub-
sequently executed, stack overflow occurs and the first
entry will be lost (only the most recent 4 return ad-
dresses are stored).
Data Memory
- RAM
The data memory is designed with 84
´8 bits. The data
memory is divided into two functional groups: special
function registers and general purpose data memory
(64
´8). Most are read/write, but some are read only.
The special function registers include the indirect ad-
dressing register (00H), timer/event counter
(TMR;0DH), timer/event counter control register
(TMRC;0EH), program counter lower-order byte regis-
ter (PCL;06H), memory pointer register (MP;01H), ac-
cumulator (ACC;05H), table pointer (TBLP;07H), table
higher-order byte register (TBLH;08H), status register
(STATUS;0AH), interrupt control register (INTC;0BH),
PWM data register (PWM;1AH), the A/D result register
(ADR;21H), the A/D control register (ADCR;22H), the
A/D clock setting register (ACSR;23H), I/O registers
(PA;12H, PB;14H, PD;18H) and I/O control registers
(PAC;13H, PBC;15H, PDC;19H). The remaining space
before the 40H is reserved for future expanded usage
and reading these locations will get
²00H². The general
purpose data memory, addressed from 40H to 7FH, is
used for data and control information under instruction
commands.
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and reset by
²SET [m].i² and
²CLR [m].i². They are also indirectly accessible through
memory pointer register (MP;01H).
Indirect Addressing Register
Location 00H is an indirect addressing register that is
not physically implemented. Any read/write operation of
[00H] accesses data memory pointed to by MP (01H).
Reading location 00H itself indirectly will return the re-
sult 00H. Writing indirectly results in no operation.
The memory pointer register MP (01H) is a 7-bit register.
The bit 7 of MP is undefined and reading will return the
result
²1². Any writing operation to MP will only transfer the
lower 7-bit data to MP.
Accumulator
The accumulator is closely related to ALU operations. It
is also mapped to location 05H of the data memory and
can carry out immediate data operations. The data
movement between two data memory locations must
pass through the accumulator.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions. The ALU provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
S p e c i a l P u r p o s e
D A T A M E M O R Y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
I n d i r e c t A d d r e s s i n g R e g i s t e r
M P
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P D
P D C
P W M
A D R
A D C R
A C S R
: U n u s e d
R e a d a s " 0 0 "
3 F H
2 4 H
2 0 H
2 1 H
2 2 H
2 3 H
G e n e r a l P u r p o s e
D A T A M E M O R Y
( 6 4 B y t e s )
7 F H
4 0 H
RAM Mapping


Similar Part No. - HT46C46E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C46E HOLTEK-HT46C46E Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
More results

Similar Description - HT46C46E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
HT46R47E HOLTEK-HT46R47E Datasheet
336Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46_08 Datasheet
580Kb / 77P
   Cost-Effective A/D Type 8-Bit MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com