Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM94 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM94 Datasheet HTML 2Page - National Semiconductor (TI) LM94 Datasheet HTML 3Page - National Semiconductor (TI) LM94 Datasheet HTML 4Page - National Semiconductor (TI) LM94 Datasheet HTML 5Page - National Semiconductor (TI) LM94 Datasheet HTML 6Page - National Semiconductor (TI) LM94 Datasheet HTML 7Page - National Semiconductor (TI) LM94 Datasheet HTML 8Page - National Semiconductor (TI) LM94 Datasheet HTML 9Page - National Semiconductor (TI) LM94 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
9.0 Pin Descriptions (Continued)
Symbol
Pin #
Type
Function
REMOTE1−
19
Remote Thermal
Diode_1- Input (CPU
1 THERMDC)
This is the negative input (current sink) from both of the CPU1
thermal diodes. Connected to THERMDC pin of Pentium processor
or the emitter of a diode connected MMBT3904 NPN transistor.
Serves as the negative input into the A/D for thermal diode voltage
measurements. A 100 pF capacitor is optional and can be
connected between REMOTE1− and REMOTE1+.
REMOTE1a+
20
Remote Thermal
Diode_1+ I/O (CPU1
THERMDA1)
This is a positive connection to the first CPU1 thermal diode. Serves
as the positive input into the A/D for thermal diode voltage
measurements. It also serves as a current source output that
forward biases the thermal diode. Connected to THERMDA pin of
Pentium processor or the base of a diode connected MMBT3904
NPN transistor. A 100 pF capacitor is optional and can be
connected between REMOTE1− and each REMOTE1+.
REMOTE2−
21
Remote Thermal
Diode_2 - Input
(CPU2 THERMDC)
This is the negative input (current sink) from both of the CPU2
thermal diodes. Connected to THERMDC pins of Pentium processor
or the emitter of a diode connected MMBT3904 NPN transistor.
Serves as the negative input into the A/D for thermal diode voltage
measurements. A 100 pF capacitor is optional and can be
connected between REMOTE2− and each REMOTE2+.
REMOTE2a+
22
Remote Thermal
Diode_2 + I/O (CPU2
THERMDA1)
This is a positive connection to the first CPU2 thermal diode. Serves
as the positive input into the A/D for thermal diode voltage
measurements. It also serves as a current source output that
forward biases the thermal diode. Connected to THERMDA pin of
Pentium processor or the base of a diode connected MMBT3904
NPN transistor. A 100 pF capacitor is optional and can be
connected between REMOTE2− and REMOTE2+.
AD_IN1/REMOTE1b+
23
Analog Input (+12V1
or CPU1
THERMDA2)
Analog Input for +12V Rail 1 monitoring, for CPU1 voltage regulator.
External attenuation resistors required such that 12V is attenuated
to 0.927V for nominal 34 scale reading. This pin may also serve as
the second positive thermal diode input for CPU1.
AD_IN2/REMOTE2b+
24
Analog Input (+12V2
or CPU2
THERMDA2)
Analog Input for +12V Rail 2 monitoring, for CPU2 voltage regulator.
External attenuation resistors required such that 12V is attenuated
to 0.927V for nominal 34 scale reading. This pin may also serve as
the second positive thermal diode input for CPU2.
AD_IN3
25
Analog Input (+12V3)
Analog Input for +12V Rail 3, for Memory/3GIO slots. External
attenuation resistors required such that 12V is attenuated to 0.927V
for nominal 34 scale reading.
AD_IN4
26
Analog Input
(FSB_Vtt)
Analog input for 1.2V monitoring, nominal 34 scale reading
AD_IN5
27
Analog Input (3GIO /
PXH / MCH_Core)
Analog input for 1.5V monitoring, nominal 34 scale reading
AD_IN6
28
Analog Input
(ICH_Core)
Analog input for 1.5V monitoring, nominal 34 scale reading
AD_IN7 (P1_Vccp)
29
Analog Input
(CPU1_Vccp)
Analog input for +Vccp (processor voltage) monitoring.
AD_IN8 (P2_Vccp)
30
Analog Input
(CPU2_Vccp)
Analog input for +Vccp (processor voltage) monitoring.
AD_IN9
31
Analog Input (+3.3V)
Analog input for +3.3V monitoring, nominal 34 scale reading
AD_IN10
32
Analog Input (+5V)
Analog input for +5V monitoring silver box supply monitoring,
nominal 34 scale reading
www.national.com
6


Similar Part No. - LM94

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM94 TI1-LM94 Datasheet
1Mb / 112P
[Old version datasheet]   Hardware Monitor with PI Loop Fan Control for Server Management
logo
Telit loT Solutions
LM940 TELIT-LM940 Datasheet
148Kb / 2P
   LTE 600/75 | HSPA 42.0/11.5 mPCIe
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
LM94021-Q1 TI1-LM94021-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
More results

Similar Description - LM94

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
[Old version datasheet]   Hardware Monitor with PI Loop Fan Control for Server Management
logo
National Semiconductor ...
LM93 NSC-LM93 Datasheet
654Kb / 92P
   Hardware Monitor with Integrated Fan Control for Server Management
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control for Server Management
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
Texas Instruments
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
logo
Grenergy Opto, lnc.
GR5300 GRENERGY-GR5300 Datasheet
442Kb / 6P
   Monitor and Timing Management for Single-Loop NiMH Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com